Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 62Page - Microchip Technology PIC17C752-08/P Datasheet HTML 63Page - Microchip Technology PIC17C752-08/P Datasheet HTML 64Page - Microchip Technology PIC17C752-08/P Datasheet HTML 65Page - Microchip Technology PIC17C752-08/P Datasheet HTML 66Page - Microchip Technology PIC17C752-08/P Datasheet HTML 67Page - Microchip Technology PIC17C752-08/P Datasheet HTML 68Page - Microchip Technology PIC17C752-08/P Datasheet HTML 69Page - Microchip Technology PIC17C752-08/P Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 320 page
background image
PIC17C75X
DS30264A-page 66
Preliminary
© 1997 Microchip Technology Inc.
Example 10-1 shows an instruction sequence to initial-
ize PORTA. The Bank Select Register (BSR) must be
selected to Bank 0 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-1: INITIALIZING PORTA
FIGURE 10-2: RA2 BLOCK DIAGRAM
MOVLB
0
; Select Bank 0
MOVLW
0xF3
;
MOVPF
PORTA
; Initialize PORTA
;
RA<3:2> are output low
;
RA<5:4> and RA<1:0>
;
are inputs
;
(outputs floating)
Note: I/O pin has protection diodes to VSS.
Data Bus
WR_PORTA
(Q4)
QD
Q
CK
RD_PORTA
(Q2)
Q
D
EN
Peripheral data in
1
0
I2C Mode enable
SCL out
FIGURE 10-3: RA3 BLOCK DIAGRAM
FIGURE 10-4: RA4 AND RA5 BLOCK
DIAGRAM
Note: I/O pin has protection diodes to VSS.
Data Bus
WR_PORTA
(Q4)
QD
Q
CK
RD_PORTA
(Q2)
Q
D
EN
Peripheral data in
SDA out
SSP Mode
“1”
Note: I/O pins have protection diodes to VDD and VSS.
Data Bus
RD_PORTA
(Q2)
Serial port output signals
Serial port input signal
OE = SPEN,SYNC,TXEN, CREN, SREN for RA4
OE = SPEN (SYNC+SYNC,CSRC) for RA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com