Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 38Page - Microchip Technology PIC17C752-08/P Datasheet HTML 39Page - Microchip Technology PIC17C752-08/P Datasheet HTML 40Page - Microchip Technology PIC17C752-08/P Datasheet HTML 41Page - Microchip Technology PIC17C752-08/P Datasheet HTML 42Page - Microchip Technology PIC17C752-08/P Datasheet HTML 43Page - Microchip Technology PIC17C752-08/P Datasheet HTML 44Page - Microchip Technology PIC17C752-08/P Datasheet HTML 45Page - Microchip Technology PIC17C752-08/P Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 320 page
background image
PIC17C75X
DS30264A-page 42
Preliminary
© 1997 Microchip Technology Inc.
7.2
Data Memory Organization
Data memory is partitioned into two areas. The first is
the General Purpose Registers (GPR) area, while the
second is the Special Function Registers (SFR) area.
The SFRs control and give the status for the operation
of the device.
Portions of data memory are banked, this occurs in
both areas. The GPR area is banked to allow greater
than 232 bytes of general purpose RAM.
Banking requires the use of control bits for bank selec-
tion. These control bits are located in the Bank Select
Register (BSR). If an access is made to the unbanked
region, the BSR bits are ignored. Figure 7-5 shows the
data memory map organization.
Instructions MOVPF and MOVFP provide the means to
move values from the peripheral area (“P”) to any loca-
tion in the register file (“F”), and vice-versa. The defini-
tion of the “P” range is from 0h to 1Fh, while the “F”
range is 0h to FFh. The “P” range has six more loca-
tions than peripheral registers which can be used as
General Purpose Registers. This can be useful in some
applications where variables need to be copied to other
locations in the general purpose RAM (such as saving
status information during an interrupt).
The entire data memory can be accessed either
directly or indirectly through file select registers FSR0
and FSR1 (Section 7.4). Indirect addressing uses the
appropriate control bits of the BSR for accesses into
the banked areas of data memory. The BSR is
explained in greater detail in Section 7.8.
7.2.1
GENERAL PURPOSE REGISTER (GPR)
All devices have some amount of GPR area. The GPRs
are 8-bits wide. When the GPR area is greater than
232, it must be banked to allow access to the additional
memory space.
All the PIC17C75X devices have banked memory in
the GPR area. To facilitate switching between these
banks, the MOVLR bank instruction has been added to
the instruction set. GPRs are not initialized by a
Power-on Reset and are unchanged on all other resets.
7.2.2
SPECIAL FUNCTION REGISTERS (SFR)
The SFRs are used by the CPU and peripheral func-
tions to control the operation of the device (Figure 7-5).
These registers are static RAM.
The SFRs can be classified into two sets, those asso-
ciated with the “core” function and those related to the
peripheral functions. Those registers related to the
“core” are described here, while those related to a
peripheral feature are described in the section for each
peripheral feature.
The peripheral registers are in the banked portion of
memory, while the core registers are in the unbanked
region. To facilitate switching between the peripheral
banks, the MOVLB bank instruction has been provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com