Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 47Page - Microchip Technology PIC17C752-08/P Datasheet HTML 48Page - Microchip Technology PIC17C752-08/P Datasheet HTML 49Page - Microchip Technology PIC17C752-08/P Datasheet HTML 50Page - Microchip Technology PIC17C752-08/P Datasheet HTML 51Page - Microchip Technology PIC17C752-08/P Datasheet HTML 52Page - Microchip Technology PIC17C752-08/P Datasheet HTML 53Page - Microchip Technology PIC17C752-08/P Datasheet HTML 54Page - Microchip Technology PIC17C752-08/P Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 51
PIC17C75X
7.4.1
INDIRECT ADDRESSING REGISTERS
The PIC17C75X has four registers for indirect
addressing. These registers are:
• INDF0 and FSR0
• INDF1 and FSR1
Registers INDF0 and INDF1 are not physically imple-
mented. Reading or writing to these registers activates
indirect addressing, with the value in the correspond-
ing FSR register being the address of the data. The
FSR is an 8-bit register and allows addressing any-
where in the 256-byte data memory address range.
For banked memory, the bank of memory accessed is
specified by the value in the BSR.
If file INDF0 (or INDF1) itself is read indirectly via an
FSR, all '0's are read (Zero bit is set). Similarly, if
INDF0 (or INDF1) is written to indirectly, the operation
will be equivalent to a NOP, and the status bits are not
affected.
7.4.2
INDIRECT ADDRESSING OPERATION
The indirect addressing capability has been enhanced
over that of the PIC16CXX family. There are two con-
trol bits associated with each FSR register. These two
bits configure the FSR register to:
• Auto-decrement the value (address) in the FSR
after an indirect access
• Auto-increment the value (address) in the FSR
after an indirect access
• No change to the value (address) in the FSR after
an indirect access
These control bits are located in the ALUSTA register.
The FSR1 register is controlled by the FS3:FS2 bits
and FSR0 is controlled by the FS1:FS0 bits.
When using the auto-increment or auto-decrement
features, the effect on the FSR is not reflected in the
ALUSTA register. For example, if the indirect address
causes the FSR to equal '0', the Z bit will not be set.
If the FSR register contains a value of 0h, an indirect
read will read 0h (Zero bit is set) while an indirect write
will be equivalent to a NOP (status bits are not
affected).
Indirect addressing allows single cycle data transfers
within the entire data space. This is possible with the
use of the MOVPF and MOVFP instructions, where
either 'p' or 'f' is specified as INDF0 (or INDF1).
If the source or destination of the indirect address is in
banked memory, the location accessed will be deter-
mined by the value in the BSR.
A simple program to clear RAM from 20h - FFh is
shown in Example 7-1.
EXAMPLE 7-1: INDIRECT ADDRESSING
7.5
Table Pointer (TBLPTRL and
TBLPTRH)
File registers TBLPTRL and TBLPTRH form a 16-bit
pointer to address the 64K program memory space.
The table pointer is used by instructions TABLWT and
TABLRD
.
The TABLRD and the TABLWT instructions allow trans-
fer of data between program and data space. The table
pointer serves as the 16-bit address of the data word
within the program memory. For a more complete
description of these registers and the operation of
Table Reads and Table Writes, see Section 8.0.
7.6
Table Latch (TBLATH, TBLATL)
The table latch (TBLAT) is a 16-bit register, with
TBLATH and TBLATL referring to the high and low
bytes of the register. It is not mapped into data or pro-
gram memory. The table latch is used as a temporary
holding latch during data transfer between program
and data memory (see TABLRD, TABLWT, TLRD and
TLWT
instruction descriptions). For a more complete
description of these registers and the operation of
Table Reads and Table Writes, see Section 8.0.
MOVLW
0x20
;
MOVWF
FSR0
; FSR0 = 20h
BCF
ALUSTA, FS1
; Increment FSR
BSF
ALUSTA, FS0
; after access
BCF
ALUSTA, C
; C = 0
MOVLW
END_RAM + 1
;
LP
CLRF
INDF0
; Addr(FSR) = 0
CPFSEQ FSR0
; FSR0 = END_RAM+1?
GOTO
LP
; NO, clear next
:
; YES, All RAM is
:
; cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com