Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 8Page - Microchip Technology PIC17C752-08/P Datasheet HTML 9Page - Microchip Technology PIC17C752-08/P Datasheet HTML 10Page - Microchip Technology PIC17C752-08/P Datasheet HTML 11Page - Microchip Technology PIC17C752-08/P Datasheet HTML 12Page - Microchip Technology PIC17C752-08/P Datasheet HTML 13Page - Microchip Technology PIC17C752-08/P Datasheet HTML 14Page - Microchip Technology PIC17C752-08/P Datasheet HTML 15Page - Microchip Technology PIC17C752-08/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 320 page
background image
PIC17C75X
DS30264A-page 12
Preliminary
© 1997 Microchip Technology Inc.
PORTC is a bi-directional I/O Port.
RC0/AD0
2
3
58
I/O
TTL
This is also the least significant byte (LSB) of the 16-bit
wide system bus in microprocessor mode or extended
microcontroller mode. In multiplexed system bus con-
figuration, these pins are address output as well as
data input or output.
RC1/AD1
63
67
55
I/O
TTL
RC2/AD2
62
66
54
I/O
TTL
RC3/AD3
61
65
53
I/O
TTL
RC4/AD4
60
64
52
I/O
TTL
RC5/AD5
58
63
51
I/O
TTL
RC6/AD6
58
62
50
I/O
TTL
RC7/AD7
57
61
49
I/O
TTL
PORTD is a bi-directional I/O Port.
RD0/AD8
10
11
2
I/O
TTL
This is also the most significant byte (MSB) of the
16-bit system bus in microprocessor mode or extended
microprocessor mode or extended microcontroller
mode. In multiplexed system bus configuration these
pins are address output as well as data input or output.
RD1/AD9
9
10
1
I/O
TTL
RD2/AD10
8
9
64
I/O
TTL
RD3/AD11
7
8
63
I/O
TTL
RD4/AD12
6
7
62
I/O
TTL
RD5/AD13
5
6
61
I/O
TTL
RD6/AD14
4
5
60
I/O
TTL
RD7/AD15
3
4
59
I/O
TTL
PORTE is a bi-directional I/O Port.
RE0/ALE
11
12
3
I/O
TTL
In microprocessor mode or extended microcontroller
mode, RE0 is the Address Latch Enable (ALE) output.
Address should be latched on the falling edge of ALE
output.
RE1/OE
12
13
4
I/O
TTL
In microprocessor or extended microcontroller mode,
RE1 is the Output Enable (OE) control output (active
low).
RE2/WR
13
14
5
I/O
TTL
In microprocessor or extended microcontroller mode,
RE2 is the Write Enable (WR) control output (active
low).
RE3/CAP4
14
15
6
I/O
ST
RE3 can also be the Capture4 input pin.
PORTF is a bi-directional I/O Port.
RF0/AN4
26
28
18
I/O
ST
RF0 can also be analog input 4.
RF1/AN5
25
27
17
I/O
ST
RF1 can also be analog input 5.
RF2/AN6
24
26
16
I/O
ST
RF2 can also be analog input 6.
RF3/AN7
23
25
15
I/O
ST
RF3 can also be analog input 7.
RF4/AN8
22
24
14
I/O
ST
RF4 can also be analog input 8.
RF5/AN9
21
23
13
I/O
ST
RF5 can also be analog input 9.
RF6/AN10
20
22
12
I/O
ST
RF6 can also be analog input 10.
RF7/AN11
19
21
11
I/O
ST
RF7 can slso be analog input 11.
TABLE 3-1: PINOUT DESCRIPTIONS
Name
DIP
No.
PLCC
No.
TQFP
No.
I/O/P
Type
Buffer
Type Description
Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input;
ST = Schmitt Trigger input.
†
The output is only available by the Peripheral operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com