Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 281 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 281 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 277Page - Microchip Technology PIC17C752-08/P Datasheet HTML 278Page - Microchip Technology PIC17C752-08/P Datasheet HTML 279Page - Microchip Technology PIC17C752-08/P Datasheet HTML 280Page - Microchip Technology PIC17C752-08/P Datasheet HTML 281Page - Microchip Technology PIC17C752-08/P Datasheet HTML 282Page - Microchip Technology PIC17C752-08/P Datasheet HTML 283Page - Microchip Technology PIC17C752-08/P Datasheet HTML 284Page - Microchip Technology PIC17C752-08/P Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 281
PIC17C75X
FIGURE F-9: PIR2 REGISTER (ADDRESS: 10h, BANK 4)
R/W - 0
R/W - 0
R/W - 0
U - 0
R/W - 0
R/W - 0
R/W - 1
R/W - 0
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7:
SSPIF: Synchronous Serial Port (SSP) Interrupt Flag
1 = The SSP interrupt condition has occured, and must be cleared in software before returning from the
interrupt service routine. The conditions that will set this bit are:
SPI
A transmission/reception has taken place.
I2C Slave / Master
A transmission/reception has taken place.
I2C Master
The initiated start condition was completed by the SSP module.
The initiated stop condition was completed by the SSP module.
The initiated restart condition was completed by the SSP module.
The initiated acknowledge condition was completed by the SSP module.
A start condition occurred while the SSP module was idle (Multimaster system).
A stop condition occurred while the SSP module was idle (Multimaster system).
0 = An SSP interrupt condition has occurred.
bit 6:
BCLIF: Bus Collision Interrupt Flag
1 = A bus collision has occurred in the SSP, when configured for I2C master mode
0 = No bus collision has occurred
bit 5:
ADIF: A/D Module Interrupt Flag
1 = An A/D conversion is complete
0 = An A/D conversion is not complete
bit 4:
Unimplemented: Read as '0'
bit 3:
CA4IF: Capture4 Interrupt Flag
1 = Capture event occurred on RE3/CAP4 pin
0 = Capture event did not occur on RE3/CAP4 pin
bit 2:
CA3IF: Capture3 Interrupt Flag
1 = Capture event occurred on RG4/CAP3 pin
0 = Capture event did not occur on RG4/CAP3 pin
bit 1:
TX2IF:USART2 Transmit Interrupt Flag
1 = USART2 Transmit buffer is empty
0 = USART2 Transmit buffer is full
bit 0:
RC2IF: USART2 Receive Interrupt Flag
1 = USART2 Receive buffer is full
0 = USART2 Receive buffer is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com