Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 313 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 313 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 309Page - Microchip Technology PIC17C752-08/P Datasheet HTML 310Page - Microchip Technology PIC17C752-08/P Datasheet HTML 311Page - Microchip Technology PIC17C752-08/P Datasheet HTML 312Page - Microchip Technology PIC17C752-08/P Datasheet HTML 313Page - Microchip Technology PIC17C752-08/P Datasheet HTML 314Page - Microchip Technology PIC17C752-08/P Datasheet HTML 315Page - Microchip Technology PIC17C752-08/P Datasheet HTML 316Page - Microchip Technology PIC17C752-08/P Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 313
PIC17C75X
Figure 10-1:
RA0 and RA1 Block Diagram ..................... 65
Figure 10-2:
RA2 Block Diagram .................................... 66
Figure 10-3:
RA3 Block Diagram .................................... 66
Figure 10-4:
RA4 and RA5 Block Diagram ..................... 66
Figure 10-5:
Block Diagram of RB5:RB4 and RB1:RB0
Port Pins ..................................................... 68
Figure 10-6:
Block Diagram of RB3:RB2 Port Pins......... 69
Figure 10-7:
Block Diagram of RB6 Port Pin................... 70
Figure 10-8:
Block Diagram of RB7 Port Pin................... 70
Figure 10-9:
Block Diagram of RC7:RC0 Port Pins ........ 72
Figure 10-10: Block Diagram of RD7:RD0 Port Pins
(in I/O Port Mode) ....................................... 74
Figure 10-11: Block Diagram of RE2:RE0 (in I/O Port
Mode).......................................................... 76
Figure 10-12: Block Diagram of RE3/CAP4 Port Pin ........ 77
Figure 10-13: Block Diagram of RF7:RF0......................... 78
Figure 10-14: Block Diagram of RG3:RG0........................ 80
Figure 10-15: RG4 Block Diagram .................................... 81
Figure 10-16: RG7:RG5 Block Diagram............................ 81
Figure 10-17: Successive I/O Operation ........................... 83
Figure 12-1:
T0STA Register (Address: 05h,
Unbanked) .................................................. 87
Figure 12-2:
Timer0 Module Block Diagram ................... 88
Figure 12-3:
TMR0 Timing with External Clock
(Increment on Falling Edge) ....................... 88
Figure 12-4:
TMR0 Timing: Write High or Low Byte ....... 89
Figure 12-5:
TMR0 Read/Write in Timer Mode ............... 90
Figure 13-1:
TCON1 Register (Address: 16h, Bank 3) ... 91
Figure 13-2:
TCON2 Register (Address: 17h, Bank 3) ... 92
Figure 13-3:
TCON3 Register (Address: 16h, Bank 7) ... 93
Figure 13-4:
Timer1 and Timer2 in Two 8-bit Timer/
Counter Mode ............................................. 94
Figure 13-5:
TMR2 and TMR1 in 16-bit Timer/Counter
Mode........................................................... 95
Figure 13-6:
Simplified PWM Block Diagram .................. 97
Figure 13-7:
PWM Output ............................................... 97
Figure 13-8:
Timer3 with three Capture and One
Period Register Block Diagram................. 100
Figure 13-9:
Timer3 with Four Captures Block
Diagram .................................................... 102
Figure 13-10: Timer1, Timer2, and Timer3 Operation
(in Counter Mode)..................................... 104
Figure 13-11: Timer1, Timer2, and Timer3 Operation
(in Timer Mode) ........................................ 105
Figure 14-1:
TXSTA1 Register (Address: 15h, Bank 0)
TXSTA2 Register (Address: 15h, Bank 4) 107
Figure 14-2:
RCSTA1 Register (Address: 13h, Bank 0)
RCSTA2 Register (Address: 13h, Bank 4) 108
Figure 14-3:
USART Transmit....................................... 109
Figure 14-4:
USART Receive........................................ 109
Figure 14-5:
Asynchronous Master Transmission......... 114
Figure 14-6:
Asynchronous Master Transmission
(Back to Back) .......................................... 114
Figure 14-7:
RX Pin Sampling Scheme ........................ 115
Figure 14-8:
Asynchronous Reception.......................... 116
Figure 14-9:
Synchronous Transmission ...................... 118
Figure 14-10: Synchronous Transmission
(Through TXEN) ....................................... 118
Figure 14-11: Synchronous Reception (Master Mode,
SREN)....................................................... 119
Figure 15-1:
SPI Mode Block Diagram.......................... 123
Figure 15-2:
I2C Slave Mode Block Diagram ................ 123
Figure 15-3:
I2C Master Mode Block Diagram .............. 123
Figure 15-4:
SSPSTAT: Sync Serial Port Status
Register (Address: 13h, BANK 6) ............. 124
Figure 15-5:
SSPCON1: Sync Serial Port Control
Register1 (Address 11h, BANK 6)............ 125
Figure 15-6:
SSPCON2: Sync Serial Port Control
Register2 (Address 12h, BANK 6)........... 126
Figure 15-7:
SSP Block Diagram (SPI Mode)............... 128
Figure 15-8:
SPI Mode Timing (Master Mode) ............. 129
Figure 15-9:
SPI Master/Slave Connection .................. 130
Figure 15-10: Slave Synchronization Timing .................. 131
Figure 15-11: SPI Mode Timing (Slave Mode with
CKE = 0)................................................... 132
Figure 15-12: SPI Mode Timing (Slave Mode with
CKE = 1)................................................... 133
Figure 15-13: SSP Block Diagram
(I2C Mode)................................................ 134
Figure 15-14: I2C Master Mode Block Diagram.............. 134
Figure 15-15: I2C Waveforms for Reception
(7-bit Address).......................................... 136
Figure 15-16: I2C Waveforms for Transmission
(7-bit Address).......................................... 136
Figure 15-17: I2C Slave-Transmitter (10-bit Address).... 137
Figure 15-18: I2C Slave-Receiver (10-bit Address)........ 138
Figure 15-19: General Call Address Sequence
(7 or 10-bit Mode)..................................... 139
Figure 15-20: SSP Block Diagram (I2C Master Mode) ... 141
Figure 15-21: Baud Rate Generator Block Diagram....... 143
Figure 15-22: Baud Rate Generator Timing With
Clock Arbitration ....................................... 143
Figure 15-23: First Start Bit Timing................................. 144
Figure 15-24: Start Condition FlowChart ........................ 145
Figure 15-25: Repeat Start Condition Timing ................. 146
Figure 15-26: Restart Condition FlowChart (page 1)...... 147
Figure 15-27: Restart Condition FlowChart (page 2)...... 148
Figure 15-28: Master Transmit FlowChart ...................... 150
Figure 15-29: I2C Master Mode Timing (Transmission,
7 or 10-bit Address).................................. 151
Figure 15-30: Master Receiver FlowChart...................... 153
Figure 15-31: I2C Master Mode Timing (Reception
7-Bit Address)........................................... 154
Figure 15-32: Acknowledge Sequence Timing ............... 155
Figure 15-33: Acknowledge FlowChart........................... 156
Figure 15-34: Stop Condition Receive or Transmit
Mode ........................................................ 157
Figure 15-35: Stop Condition FlowChart ........................ 158
Figure 15-36: Clock Arbitration Timing in Master
Transmit Mode ......................................... 159
Figure 15-37: Bus Collision Timing for Transmit and
Acknowledge ............................................ 160
Figure 15-38: Bus Collision During Start Condition
(SDA only) ................................................ 161
Figure 15-39: Bus Collision During Start Condition
(SCL = 0) .................................................. 162
Figure 15-40: BRG Reset Due to SDA Collision During
Start Condition.......................................... 162
Figure 15-41: Bus Collision During a Restart Condition
(Case 1).................................................... 163
Figure 15-42: Bus Collision During Restart Condition
(Case 2).................................................... 163
Figure 15-43: Bus Collision During a Stop Condition
(Case 1).................................................... 164
Figure 15-44:
Bus Collision During a Stop Condition
(Case 2).................................................... 164
Figure 15-45: Sample device configuration for I2C bus .. 165
Figure 16-1:
ADCON0 Register (Address: 14h,
Bank 5) ..................................................... 167
Figure 16-2:
ADCON1 Register (Address 15h,
Bank 5) ..................................................... 168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com