Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 124Page - Microchip Technology PIC17C752-08/P Datasheet HTML 125Page - Microchip Technology PIC17C752-08/P Datasheet HTML 126Page - Microchip Technology PIC17C752-08/P Datasheet HTML 127Page - Microchip Technology PIC17C752-08/P Datasheet HTML 128Page - Microchip Technology PIC17C752-08/P Datasheet HTML 129Page - Microchip Technology PIC17C752-08/P Datasheet HTML 130Page - Microchip Technology PIC17C752-08/P Datasheet HTML 131Page - Microchip Technology PIC17C752-08/P Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 320 page
background image
PIC17C75X
DS30264A-page 128
Preliminary
© 1997 Microchip Technology Inc.
The block diagram of the SSP module, when in SPI
mode (Figure 15-7), shows that the SSPSR is not
directly readable or writable, and can only be accessed
by addressing the SSPBUF register. Additionally, the
SSP status register (SSPSTAT) indicates the various
status conditions.
FIGURE 15-7: SSP BLOCK DIAGRAM
(SPI MODE)
Read
Write
Internal
data bus
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit0
shift
clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
Data direction bit
2
SMP:CKE
SDI
SDO
SS
SCK
To enable the serial port, SSP Enable bit, SSPEN
(SSPCON1<5>) must be set. To reset or reconfigure
SPI mode, clear bit SSPEN, re-initialize the SSPCON
registers, and then set bit SSPEN. This configures the
SDI, SDO, SCK, and SS pins as serial port pins. For the
pins to behave as the serial port function, some must
have their data direction bits (in the DDR register)
appropriately programmed. That is:
• SDI is automatically controlled by the SPI module
• SDO must have DDRB<7> cleared
• SCK (Master mode) must have DDRB<6> cleared
• SCK (Slave mode) must have DDRB<6> set
•SS must have PORTA<2> set
Any serial port function that is not desired may be over-
ridden by programming the corresponding data direc-
tion (DDR) register to the opposite value. An example
would be in master mode where you are only sending
data (to a display driver), then both SDI and SS could
be used as general purpose open drain outputs by writ-
ing a ’0’.
Figure 15-9 shows a typical connection between two
microcontrollers. The master controller (Processor 1)
initiates the data transfer by sending the SCK signal.
Data is shifted out of both shift registers on their pro-
grammed clock edge, and latched on the opposite
edge of the clock. Both processors should be pro-
grammed to same Clock Polarity (CKP), then both con-
trollers would send and receive data at the same time.
Whether the data is meaningful (or dummy data)
depends on the application software. This leads to
three scenarios for data transmission:
• Master sends data — Slave sends dummy data
• Master sends data — Slave sends data
• Master sends dummy data — Slave sends data
Note: The SS pin must be configured as an input
for the slave select to operate. This is done
by writing a ’1’ to PORTA<2>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com