Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 139Page - Microchip Technology PIC17C752-08/P Datasheet HTML 140Page - Microchip Technology PIC17C752-08/P Datasheet HTML 141Page - Microchip Technology PIC17C752-08/P Datasheet HTML 142Page - Microchip Technology PIC17C752-08/P Datasheet HTML 143Page - Microchip Technology PIC17C752-08/P Datasheet HTML 144Page - Microchip Technology PIC17C752-08/P Datasheet HTML 145Page - Microchip Technology PIC17C752-08/P Datasheet HTML 146Page - Microchip Technology PIC17C752-08/P Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 143
PIC17C75X
9.
The SSP Module shifts in the ACK bit from the
slave device, and writes its value into the
SSPCON2 register ( SSPCON2<6>).
10. The module generates an interrupt at the end of
the ninth clock cycle by setting SSPIF.
11. The user generates a STOP condition by setting
the STOP enable bit PEN in SSPCON2.
15.2.6
BAUD RATE GENERATOR
In I2C master mode, the reload value for the BRG is
located in the lower 7 bits of the SSPADD register
(Figure 15-21).
When the BRG is loaded with this
value, the BRG counts down to 0 and stops until
another reload has taken place. In I2C master mode,
the BRG is not reloaded automatically. If Clock Arbi-
tration is taking place for instance, the BRG will be
reloaded
when
the
SCL
pin
is
sampled
high
(Figure 15-22).
FIGURE 15-21: BAUD RATE GENERATOR BLOCK DIAGRAM
FIGURE 15-22: BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
SSPM3:SSPM0
BRG Down Counter
CLKOUT
Fosc/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload
SDA
SCL
SCL deasserted but slave holds
DX-1
DX
BRG
SCL is sampled high, reload takes
place, and BRG starts its count.
03h
02h
01h
00h
03h
02h
reload
BRG
value
SCL low (clock arbitration)
SCL allowed to transition high
BRG counts
down
BRG counts
down
BRG counts
down
01h
00h
Note:There are two baud rate overflows per clock period. Clock period may be of variable time due to clock arbitration.
XX
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com