Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 191Page - Microchip Technology PIC17C752-08/P Datasheet HTML 192Page - Microchip Technology PIC17C752-08/P Datasheet HTML 193Page - Microchip Technology PIC17C752-08/P Datasheet HTML 194Page - Microchip Technology PIC17C752-08/P Datasheet HTML 195Page - Microchip Technology PIC17C752-08/P Datasheet HTML 196Page - Microchip Technology PIC17C752-08/P Datasheet HTML 197Page - Microchip Technology PIC17C752-08/P Datasheet HTML 198Page - Microchip Technology PIC17C752-08/P Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 195
PIC17C75X
CPFSEQ
Compare f with WREG,
skip if f = WREG
Syntax:
[
label ] CPFSEQ
f
Operands:
0
≤ f ≤ 255
Operation:
(f) – (WREG),
skip if (f) = (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0011
0001
ffff
ffff
Description:
Compares the contents of data memory
location 'f' to the contents of WREG by
performing an unsigned subtraction.
If 'f' = WREG then the fetched instruc-
tion is discarded and an NOP is exe-
cuted instead making this a two-cycle
instruction.
Words:
1
Cycles:
1 (2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
No
operation
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
CPFSEQ REG
NEQUAL
:
EQUAL
:
Before Instruction
PC Address
=
HERE
WREG
=
?
REG
=
?
After Instruction
If REG
=
WREG;
PC
=
Address (EQUAL)
If REG
≠
WREG;
PC
=
Address (NEQUAL)
CPFSGT
Compare f with WREG,
skip if f > WREG
Syntax:
[
label ] CPFSGT
f
Operands:
0
≤ f ≤ 255
Operation:
(f)
− (WREG),
skip if (f) > (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0011
0010
ffff
ffff
Description:
Compares the contents of data memory
location 'f' to the contents of the WREG
by performing an unsigned subtraction.
If the contents of 'f' are greater than the
contents of WREG then the fetched
instruction is discarded and an NOP is
executed instead making this a
two-cycle instruction.
Words:
1
Cycles:
1 (2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
No
operation
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
CPFSGT REG
NGREATER
:
GREATER
:
Before Instruction
PC
=
Address (HERE)
WREG
=
?
After Instruction
If REG
>
WREG;
PC
=
Address (GREATER)
If REG
≤
WREG;
PC
=
Address (NGREATER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com