Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 208Page - Microchip Technology PIC17C752-08/P Datasheet HTML 209Page - Microchip Technology PIC17C752-08/P Datasheet HTML 210Page - Microchip Technology PIC17C752-08/P Datasheet HTML 211Page - Microchip Technology PIC17C752-08/P Datasheet HTML 212Page - Microchip Technology PIC17C752-08/P Datasheet HTML 213Page - Microchip Technology PIC17C752-08/P Datasheet HTML 214Page - Microchip Technology PIC17C752-08/P Datasheet HTML 215Page - Microchip Technology PIC17C752-08/P Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 320 page
background image
PIC17C75X
DS30264A-page 212
© 1997 Microchip Technology Inc.
SUBWF
Subtract WREG from f
Syntax:
[
label ] SUBWF f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) – (W)
→ (dest)
Status Affected:
OV, C, DC, Z
Encoding:
0000
010d
ffff
ffff
Description:
Subtract WREG from register 'f' (2’s
complement method). If 'd' is 0 the
result is stored in WREG. If 'd' is 1 the
result is stored back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example 1:
SUBWF
REG1, 1
Before Instruction
REG1
=
3
WREG
=
2
C=
?
After Instruction
REG1
=
1
WREG
=
2
C
=
1
; result is positive
Z=
0
Example 2:
Before Instruction
REG1
=
2
WREG
=
2
C=
?
After Instruction
REG1
=
0
WREG
=
2
C
=
1
; result is zero
Z=
1
Example 3:
Before Instruction
REG1
=
1
WREG
=
2
C=
?
After Instruction
REG1
=
FF
WREG
=
2
C
=
0
; result is negative
Z=
0
SUBWFB
Subtract WREG from f with
Borrow
Syntax:
[
label ] SUBWFB f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) – (W) – C
→ (dest)
Status Affected:
OV, C, DC, Z
Encoding:
0000
001d
ffff
ffff
Description:
Subtract WREG and the carry flag
(borrow) from register 'f' (2’s comple-
ment method). If 'd' is 0 the result is
stored in WREG. If 'd' is 1 the result is
stored back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example 1:
SUBWFB
REG1, 1
Before Instruction
REG1
=
0x19
(0001 1001)
WREG
=
0x0D
(0000 1101)
C=
1
After Instruction
REG1
=
0x0C
(0000 1011)
WREG
=
0x0D
(0000 1101)
C
=
1
; result is positive
Z=
0
Example2:
SUBWFB
REG1,0
Before Instruction
REG1
=
0x1B
(0001 1011)
WREG
=
0x1A
(0001 1010)
C=
0
After Instruction
REG1
=
0x1B
(0001 1011)
WREG
=
0x00
C
=
1
; result is zero
Z=
1
Example3:
SUBWFB
REG1,1
Before Instruction
REG1
=
0x03
(0000 0011)
WREG
=
0x0E
(0000 1101)
C=
1
After Instruction
REG1
=
0xF5
(1111 0100) [2’s comp]
WREG
=
0x0E
(0000 1101)
C
=
0
; result is negative
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com