Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 226 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 226 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 222Page - Microchip Technology PIC17C752-08/P Datasheet HTML 223Page - Microchip Technology PIC17C752-08/P Datasheet HTML 224Page - Microchip Technology PIC17C752-08/P Datasheet HTML 225Page - Microchip Technology PIC17C752-08/P Datasheet HTML 226Page - Microchip Technology PIC17C752-08/P Datasheet HTML 227Page - Microchip Technology PIC17C752-08/P Datasheet HTML 228Page - Microchip Technology PIC17C752-08/P Datasheet HTML 229Page - Microchip Technology PIC17C752-08/P Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 320 page
background image
PIC17C75X
DS30264A-page 226
Preliminary
© 1997 Microchip Technology Inc.
20.2 DC CHARACTERISTICS:
PIC17LC752/756 (Commercial, Industrial)
PIC17LC752/756 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Param.
No.
Sym
Characteristic
Min Typ† Max Units
Conditions
D001
VDD
Supply Voltage
3.0
–
6.0
V
D002
VDR
RAM Data Retention
Voltage (Note 1)
1.5 *
–
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure internal
Power-on Reset signal
–VSS
–
V
See section on Power-on Reset for
details
D004
SVDD
VDD rise rate to
ensure proper
operation
0.010 *
–
–
V/ms
See section on Power-on Reset for
details
D005
VBOR
Brown-out Reset
voltage trip point
3.6
–
4.3
V
D006
VPORTP Power-on reset trip
point
–
1.8
–
V
VDD = VPORTP
D010
D011
D014
IDD
Supply Current
(Note 2)
–
–
–
3
6
85
6 *
12
150
mA
mA
µA
FOSC = 4 MHz (Note 4)
FOSC = 8 MHz
FOSC = 32 kHz,
(EC osc configuration)
D021
IPD
Power-down Current
(Note 3)
–< 1
5
µAVDD = 5.5V, WDT disabled
Module Differential
Current
D023
∆IBOR
BOR circuitry
–
300
500
µAVDD = 4.5V, BODEN enabled
D024
∆IWDT
Watchdog Timer
–
10
35
µAVDD = 5.5V
D026
∆IAD
A/D converter
–
1
–
µAVDD = 5.5V, A/D not converting
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1=external square wave, from rail to rail; all I/O pins tristated, pulled to VDD or VSS, T0CKI = VDD, MCLR
= VDD; WDT disabled.
Current consumed from the oscillator and I/O’s driving external capacitive or resistive loads needs to be con-
sidered.
For the RC oscillator, the current through the external pull-up resistor (R) can be estimated as: VDD / (2
• R).
For capacitive loads, the current can be estimated (for an individual I/O pin) as (CL
• VDD) • f
CL = Total capacitive load on the I/O pin; f = average frequency the I/O pin switches.
The capacitive currents are most significant when the device is configured for external execution (includes
extended microcontroller mode).
3: The power down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula IR = VDD/2Rext (mA) with Rext in kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com