Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658 Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18LC658
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18LC658 Datasheet HTML 32Page - Microchip Technology PIC18LC658 Datasheet HTML 33Page - Microchip Technology PIC18LC658 Datasheet HTML 34Page - Microchip Technology PIC18LC658 Datasheet HTML 35Page - Microchip Technology PIC18LC658 Datasheet HTML 36Page - Microchip Technology PIC18LC658 Datasheet HTML 37Page - Microchip Technology PIC18LC658 Datasheet HTML 38Page - Microchip Technology PIC18LC658 Datasheet HTML 39Page - Microchip Technology PIC18LC658 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 366 page
background image
PIC18CXX8
DS30475A-page 36
Advanced Information
 2000 Microchip Technology Inc.
ADRESH
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
ADRESL
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
ADCON0
658
858
--00 0000
--00 0000
--uu
uuuu
ADCON1
658
858
--00 0000
--00 0000
--uu
uuuu
ADCON2
658
858
0--- -000
0--- -000
u---
-uuu
CCPR1H
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
CCPR1L
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
CCP1CON
658
858
--00 0000
--00 0000
--uu
uuuu
CCPR2H
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
CCPR2L
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
CCP2CON
658
858
--00 0000
--00 0000
--uu
uuuu
CVRCON
658
858
0000 0000
0000 0000
uuuu
uuuu
CMCON
658
858
0000 0000
0000 0000
uuuu
uuuu
TMR3H
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
TMR3L
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
T3CON
658
858
0000 0000
uuuu uuuu
uuuu
uuuu
PSPCON
658
858
0000 ----
0000 ----
uuuu
----
SPBRG
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
RCREG
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
TXREG
658
858
xxxx xxxx
uuuu uuuu
uuuu
uuuu
TXSTA
658
858
0000 -01x
0000 -01u
uuuu
-uuu
RCSTA
658
858
0000 000x
0000 000u
uuuu
uuuu
IPR3
658
858
1111 1111
1111 1111
uuuu
uuuu
PIR3
658
858
0000 0000
0000 0000
uuuu
uuuu
PIE3
658
858
0000 0000
0000 0000
uuuu
uuuu
IPR2
658
858
-1-- 1111
-1-- 1111
-u--
uuuu
PIR2
658
858
-0-- 0000
-0-- 0000
-u--
uuuu
(1)
PIE2
658
858
-0-- 0000
-0-- 0000
-u--
uuuu
IPR1
658
858
1111 1111
1111 1111
uuuu
uuuu
658
858
-111 1111
-111 1111
-uuu
uuuu
PIR1
658
858
0000 0000
0000 0000
uuuu
uuuu
(1)
658
858
-000 0000
-000 0000
-uuu
uuuu
(1)
PIE1
658
858
0000 0000
0000 0000
uuuu
uuuu
658
858
-000 0000
-000 0000
-uuu
uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other
oscillator modes, they are disabled and read ’0’.
6: The long write enable is only reset on a POR or MCLR.
7: Available on PIC18C858 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com