Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18LC658
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18LC658 Datasheet HTML 35Page - Microchip Technology PIC18LC658 Datasheet HTML 36Page - Microchip Technology PIC18LC658 Datasheet HTML 37Page - Microchip Technology PIC18LC658 Datasheet HTML 38Page - Microchip Technology PIC18LC658 Datasheet HTML 39Page - Microchip Technology PIC18LC658 Datasheet HTML 40Page - Microchip Technology PIC18LC658 Datasheet HTML 41Page - Microchip Technology PIC18LC658 Datasheet HTML 42Page - Microchip Technology PIC18LC658 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 39
PIC18CXX8
TXB0D0
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0DLC
658
858
0x00 xxxx
0u00 uuuu
uuuu uuuu
TXB0EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0SIDL
658
858
xxx0 x0xx
uuu0 u0uu
uuuu uuuu
TXB0SIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0CON
658
858
0000 0000
0000 0000
uuuu uuuu
TXB1D7
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D6
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D5
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D4
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D3
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D2
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D1
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D0
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1DLC
658
858
0x00 xxxx
0u00 uuuu
uuuu uuuu
TXB1EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1SIDL
658
858
xxx0 x0xx
uuu0 u0uu
uuuu uuuu
TXB1SIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1CON
658
858
0000 0000
0000 0000
uuuu uuuu
TXB2D7
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D6
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D5
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D4
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D3
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D2
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D1
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2D0
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2DLC
658
858
0x00 xxxx
0u00 uuuu
uuuu uuuu
TXB2EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2SIDL
658
858
xxx0 x0xx
uuu0 u0uu
uuuu uuuu
TXB2SIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2CON
658
858
0000 0000
0000 0000
uuuu uuuu
RXM1EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXM1EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other
oscillator modes, they are disabled and read ’0’.
6: The long write enable is only reset on a POR or MCLR.
7: Available on PIC18C858 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com