Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18LC658
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18LC658 Datasheet HTML 33Page - Microchip Technology PIC18LC658 Datasheet HTML 34Page - Microchip Technology PIC18LC658 Datasheet HTML 35Page - Microchip Technology PIC18LC658 Datasheet HTML 36Page - Microchip Technology PIC18LC658 Datasheet HTML 37Page - Microchip Technology PIC18LC658 Datasheet HTML 38Page - Microchip Technology PIC18LC658 Datasheet HTML 39Page - Microchip Technology PIC18LC658 Datasheet HTML 40Page - Microchip Technology PIC18LC658 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 37
PIC18CXX8
TRISJ(7)
-858
1111 1111
1111 1111
uuuu uuuu
TRISH(7)
-858
1111 1111
1111 1111
uuuu uuuu
TRISG
658
858
---1 1111
---1 1111
---u uuuu
TRISF
658
858
1111 1111
1111 1111
uuuu uuuu
TRISE
658
858
1111 1111
1111 1111
uuuu uuuu
TRISD
658
858
1111 1111
1111 1111
uuuu uuuu
TRISC
658
858
1111 1111
1111 1111
uuuu uuuu
TRISB
658
858
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
658
858
-111 1111
(5)
-111 1111
(5)
-uuu uuuu
(5)
LATJ(7)
-858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATH(7)
-858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATG
658
858
---x xxxx
---u uuuu
---u uuuu
LATF
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATE
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATD
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
658
858
-xxx xxxx
(5)
-uuu uuuu
(5)
-uuu uuuu
(5)
PORTJ(7)
-858
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH(7)
-858
0000 xxxx
0000 uuuu
uuuu uuuu
PORTG
658
858
---x xxxx
---u uuuu
---u uuuu
PORTF
658
858
x000 0000
u000 0000
uuuu uuuu
PORTE
658
858
--00 xxxx
uuuu u000
uuuu uuuu
PORTD
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
658
858
-x0x 0000
(5)
-u0u 0000
(5)
-uuu uuuu
(5)
TRISK
658
858
1111 1111
1111 1111
uuuu uuuu
LATK
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTK
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXERRCNT
658
858
0000 0000
0000 0000
uuuu uuuu
RXERRCNT
658
858
0000 0000
0000 0000
uuuu uuuu
COMSTAT
658
858
0000 0000
0000 0000
uuuu uuuu
CIOCON
658
858
1000 ----
1000 ----
uuuu ----
BRGCON3
658
858
-0-- -000
-0-- -000
-u-- -uuu
BRGCON2
658
858
0000 0000
0000 0000
uuuu uuuu
BRGCON1
658
858
0000 0000
0000 0000
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other
oscillator modes, they are disabled and read ’0’.
6: The long write enable is only reset on a POR or MCLR.
7: Available on PIC18C858 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com