Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC18LC658
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC18LC658 Datasheet HTML 81Page - Microchip Technology PIC18LC658 Datasheet HTML 82Page - Microchip Technology PIC18LC658 Datasheet HTML 83Page - Microchip Technology PIC18LC658 Datasheet HTML 84Page - Microchip Technology PIC18LC658 Datasheet HTML 85Page - Microchip Technology PIC18LC658 Datasheet HTML 86Page - Microchip Technology PIC18LC658 Datasheet HTML 87Page - Microchip Technology PIC18LC658 Datasheet HTML 88Page - Microchip Technology PIC18LC658 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 85
PIC18CXX8
REGISTER 7-6:
PIE REGISTERS (CONT’D)
PIE2
bit 7
Unimplemented: Read as ’0’
bit 6
CMIE: Comparator Interrupt Enable bit
1
= Enables the comparator interrupt
0
= Disables the comparator interrupt
bit 5-4
Unimplemented: Read as ’0’
bit 3
BCLIE: Bus Collision Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 2
LVDIE: Low-voltage Detect Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 1
TMR3IE: TMR3 Overflow Interrupt Enable bit
1
= Enables the TMR3 overflow interrupt
0
= Disables the TMR3 overflow interrupt
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enables the CCP2 interrupt
0
= Disables the CCP2 interrupt
PIE3
bit 7
IVRE: Invalid CAN Message Received Interrupt Enable bit
1
= Enables the Invalid CAN Message Received Interrupt
0
= Disables the Invalid CAN Message Received Interrupt
bit 6
WAKIE: Bus Activity Wake-up Interrupt Enable bit
1
= Enables the Bus Activity Wake-Up Interrupt
0
= Disables the Bus Activity Wake-Up Interrupt
bit 5
ERRIE: CAN Bus Error Interrupt Enable bit
1
= Enables the CAN Bus Error Interrupt
0
= Disables the CAN Bus Error Interrupt
bit 4
TXB2IE: Transmit Buffer 2 Interrupt Enable bit
1
= Enables the Transmit Buffer 2 Interrupt
0
= Disables the Transmit Buffer 2 Interrupt
bit 3
TXB1IE: Transmit Buffer 1 Interrupt Enable bit
1
= Enables the Transmit Buffer 1 Interrupt
0
= Disables the Transmit Buffer 1 Interrupt
bit 2
TXB0IE: Transmit Buffer 0 Interrupt Enable bit
1
= Enables the Transmit Buffer 0 Interrupt
0
= Disables the Transmit Buffer 0 Interrupt
bit 1
RXB1IE: Receive Buffer 1 Interrupt Enable bit
1
= Enables the Receive Buffer 1 Interrupt
0
= Disables the Receive Buffer 1 Interrupt
bit 0
RXB0IE: Receive Buffer 0 Interrupt Enable bit
1
= Enables the Receive Buffer 0 Interrupt
0
= Disables the Receive Buffer 0 Interrupt
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com