Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658-E/CL Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18LC658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658-E/CL Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18LC658-E/CL Datasheet HTML 91Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 92Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 93Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 94Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 95Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 96Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 97Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 98Page - Microchip Technology PIC18LC658-E/CL Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 95
PIC18CXX8
8.4
PORTD, TRISD and LATD Registers
PORTD is an 8-bit wide, bi-directional port. The corre-
sponding Data Direction register is TRISD. Setting a
TRISD bit (=1) will make the corresponding PORTD pin
an input (i.e., put the corresponding output driver in a
hi-impedance mode). Clearing a TRISD bit (=0) will
make the corresponding PORTD pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATD register
reads and writes the latched output value for PORTD.
PORTD is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configurable as an input or
output.
PORTD can be configured as an 8-bit wide micro-
processor port (parallel slave port), by setting control
bit PSPMODE (PSPCON register). In this mode, the
input buffers are TTL. See Section 9.0 for additional
information on the Parallel Slave Port (PSP).
EXAMPLE 8-4:
INITIALIZING PORTD
FIGURE 8-7:
PORTD BLOCK DIAGRAM
IN I/O PORT MODE
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD3:RD0 as inputs
; RD5:RD4 as outputs
; RD7:RD6 as inputs
Data
Bus
WR LATD
WR TRISD
RD PORTD
Data Latch
TRIS Latch
RD TRISD
Schmitt
Trigger
Input
Buffer
I/O Pin
Note: I/O pins have diode protection to VDD and VSS.
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATD
or
WR PORTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com