| Electronic Components Datasheet Search |
|
SSL8516BT Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL8516BT Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 35 page ![]() SSL8516BT All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 26 May 2015 6 of 35 NXP Semiconductors SSL8516BT Greenchip PFC and flyback controller The control logic activates the internal circuitry and switches off the HV charge current when VCC passes the Vstartup level. First, the LATCH pin current source is activated and the soft-start capacitors on the PFCSENSE and FBSENSE pins are charged. Also the clamp circuit on the PFCCOMP pin is activated. The PFC circuit is activated when the following conditions are met: • the LATCH pin voltage exceeds the Ven(LATCH) voltage • the PFCCOMP pin charging current drops below the absolute value of the Ien(PFCCOMP) current • the soft-start capacitor on the PFCSENSE pin is charged If the soft-start capacitor on the FBSENSE pin is charged, the flyback converter is activated. The flyback converter output voltage is then regulated to its nominal output voltage. The auxiliary winding of the flyback converter takes over the IC supply (see Figure 4). If during start-up, the LATCH pin does not reach the Ven(LATCH) level before VCC reaches Vth(UVLO), the LATCH pin output is deactivated. The charge current is switched on again. When the flyback converter is started, VFBCTRL is monitored. If the output voltage does not reach its intended regulation level within a specified time, VFBCTRL reaches the Vto(FBCTRL) level. An error is then assumed and a safe restart is initiated. When one of the safe restart or latched protection functions are triggered, both converters stop switching and the VCC voltage drops to Vth(UVLO). A latched protection recharges capacitor CVCC using Ich(low) from the HV pin, but does not restart the converters. To provide safe restart protection, the capacitor is recharged using Ich(low) from the HV pin and the device restarts (see Figure 1). If OVP is triggered on the PFC circuit (VVOSENSE >VOVP(VOSENSE)), the PFC controller stops switching until the VVOSENSE < VOVP(VOSENSE). If a mains UVP is detected, VVINSENSE <Vstop(VINSENSE), the PFC controller stops switching until VVINSENSE >Vstart(VINSENSE) again. OVP and UVP of the PFC circuit do not disable flyback controller switching. When the VCC pin voltage drops under the UVLO level, both controllers stop switching and enter safe restart mode. In the safe restart mode, the VCC pin capacitor is recharged using Ich(low) from the HV pin. At very low burst mode repetition rates, VCC can drop to below the UVLO level. The UVLO protection feature Vprot(UVLO) prevents the decrease when the IC is in burst mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |