Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516BT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 19Page - NXP Semiconductors SSL8516BT Datasheet HTML 20Page - NXP Semiconductors SSL8516BT Datasheet HTML 21Page - NXP Semiconductors SSL8516BT Datasheet HTML 22Page - NXP Semiconductors SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors SSL8516BT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
23 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
ICC(oper)
operating supply
current
no-load on pins FBDRIVER and
PFCDRIVER; VFBCTRL =5V;
fFB =fPFC = 100 kHz;  =30%
2.45
2.7
2.95
mA
IC in burst mode; no-load on pins
FBDRIVER and PFCDRIVER;
flyback switching; VFBCTRL =1.6 V;
VPFCSENSE =0V
1.75
1.95
2.15
mA
IC in burst mode; flyback not
switching; VFBCTRL =0V;
VPFCSENSE =0V
1.24
1.35
1.46
mA
ICC(prot)
protection supply
current
time-out protection triggered;
VHV =0V
0.3
0.45
0.6
mA
ICC(pd)
power-down mode
supply current
IC in power-down mode; VHV = 0 V
0.3
0.45
0.6
mA
Input voltage sensing PFC (VINSENSE pin)
Vstop(VINSENSE)
stop voltage on pin
VINSENSE
0.86
0.89
0.92
V
Vstart(VINSENSE)
start voltage on pin
VINSENSE
1.12
1.16
1.20
V
Vflr
fast latch reset
voltage
active after Vth(UVLO) is detected
0.6
0.75
0.9
V
Vflr(hys)
hysteresis of fast
latch reset voltage
60
110
160
mV
II(VINSENSE)
input current on pin
VINSENSE
VVINSENSE >Vstop(VINSENSE) after
Vstart(VINSENSE) is detected
520
50
nA
Vth(sel)clmp
clamp select
threshold voltage
on pin VINSENSE
1.9
2
2.1
V
Vth(sel)clmp(hys)
clamp select
threshold voltage
hysteresis
60
100
140
mV
Vth(pd)
power-down
threshold voltage
285
385
485
mV
Vth(pd)exit
exit power-down
threshold voltage
VCC = 0 V
335
460
585
mV
Vhys(pd)
power-down
hysteresis voltage
45
75
105
mV
Loop compensation PFC (PFCCOMP pin)
gm
transconductance
VVOSENSE to IO(PFCCOMP)
57
77
97
A/V
IO(PFCCOMP)
output current on pin
PFCCOMP
VVOSENSE = 2 V; VPFCCOMP = 2.75 V
30
37
44
A
VVOSENSE = 3.3 V;
VPFCCOMP =2.75V
108 88
68
A
Ien(PFCCOMP)
enable current on pin
PFCCOMP
-
55
-
A
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com