| Electronic Components Datasheet Search |
|
SSL8516BT Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL8516BT Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 35 page ![]() SSL8516BT All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 26 May 2015 29 of 35 NXP Semiconductors SSL8516BT Greenchip PFC and flyback controller 11. Application information An LED driver with the SSL8516BT consists of a PFC circuit and a flyback converter (see Figure 17). Capacitor CVCC buffers the IC supply voltage. The IC supply is charged from the high voltage rectified mains during start-up and the auxiliary winding of the flyback converter during operation. Sense resistors RSENSE1 and RSENSE2 convert the current through the MOSFETs S1 and S2 into a voltage on the PFCSENSE and FBSENSE pins. The RSENSE1 and RSENSE2 values define the maximum primary peak current in MOSFETs S1 and S2. In the example, the LATCH pin is connected to a Negative Temperature Coefficient (NTC) resistor. The protection is activated when the resistance drops below the value as calculated in Equation 8: (8) Capacitor CTIMEOUT is connected to the FBCTRL pin. RLOOP ensures that the time-out capacitor does not interfere with the flyback regulation control loop. RS1 and RS2 prevent that the soft-start capacitors CSS1 and CSS2 are charged during normal operation due to negative voltage spikes across the sense resistors. Resistor RAUX1 protects the IC from damage during lightning events. RS3 and RCOMP can be used to lower the PFC on/off power level. The minimum and maximum peak current ratio increase. So, the PFC switch-on and switch-off power level decreases. RDRV1 and RDRV2 prevent that the internal MOSET drivers are damaged due to, for example, power MOSFET avalanche. Depending on the drain voltage maximum rating of MOSFET S2, the HV pin of the IC can either be connected to the center tap of the flyback transformer or to the drain of MOSFET S2. V prot LATCH I OLATCH ------------------------------- 16.2 k = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |