Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516BT Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors SSL8516BT Datasheet HTML 27Page - NXP Semiconductors SSL8516BT Datasheet HTML 28Page - NXP Semiconductors SSL8516BT Datasheet HTML 29Page - NXP Semiconductors SSL8516BT Datasheet HTML 30Page - NXP Semiconductors SSL8516BT Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
27 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
Vth(burst)on
on-state burst mode
threshold voltage
on pin FBCTRL
2.2
2.4
2.6
V
Vth(burst)exit
exit burst mode
threshold voltage
on pin FBCTRL
2.6
2.8
3.0
V
Vburst(exit-on)
burst mode voltage
difference between
exit and on-state
pin FBCTRL = Vth(burst)exit -Vth(burst)on
325
390
455
mV
Vburst(on-off)
burst mode voltage
difference between
on-state and off-state
pin FBCTRL = Vth(burst)on -Vth(burst)off
1.5
1.63
1.76
V
IO(FBCTRL)
output current on pin
FBCTRL
VFBCTRL =0V
0.75 0.6
0.45 mA
VFBCTRL =4.5 V
0.3
0.24
0.18 mA
Ito(FBCTRL)
time-out current on
pin FBCTRL
VFBCTRL =6V
35
29
23
A
Rint(FBCTRL)
internal resistance on
pin FBCTRL
9.8
13.2
16.5
k
Valley switching flyback (HV pin)
(
V/t)
vrec(fb)
flyback valley
recognition voltage
change with time
[3]
75
-
+75
V/
s
td(vrec-swon)
valley recognition to
switch-on delay time
[3] -75
-ns
Soft-start flyback (FBSENSE pin)
Istart(soft)fb
flyback soft start
current
75
60
45
A
Vstart(soft)fb
flyback soft start
voltage
enable voltage
0.5
0.55
0.6
V
OverCurrent Protection (OCP) flyback (FBSENSE pin)
Vsense(fb)max
maximum flyback
sense voltage
V/t = 0 V/s
525
545
565
mV
Vsense(fb)min
minimum flyback
sense voltage
V/t = 0 V/s
221
232
243
mV
td(FBDRIVER)
delay time on pin
FBDRIVER
VFBSENSE pulse-stepping 400 mV
around Vsense(fb)max
-80
-ns
ton(fb)min
minimum flyback
on-time
VFBCRTL =3V; VFBSENSE = 0.75 V
280
340
400
ns
Iadj(FBSENSE)
adjust current on pin
FBSENSE
2.29 2.1
1.91 A
OverPower Protection (OPP) flyback (FBSENSE pin)
Vsense(fb)max
maximum flyback
sense voltage
V/t=0V/s
IFBAUX =80 A
525
545
565
mV
IFBAUX =120 A
495
540
565
mV
IFBAUX =240 A
400
445
490
mV
IFBAUX =360 A
345
400
455
mV
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com