Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516BT Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 21Page - NXP Semiconductors SSL8516BT Datasheet HTML 22Page - NXP Semiconductors SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors SSL8516BT Datasheet HTML 27Page - NXP Semiconductors SSL8516BT Datasheet HTML 28Page - NXP Semiconductors SSL8516BT Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
25 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
Soft-start PFC (PFCSENSE pin)
Istart(soft)PFC
PFC soft start current
73
60
47
A
Vstart(soft)PFC
PFC soft start voltage enabling voltage
0.45
0.5
0.55
V
Vstop(soft)PFC
PFC soft stop voltage disabling voltage
0.4
0.45
0.5
V
Oscillator PFC
fsw(PFC)max
maximum PFC
switching frequency
320
400
480
kHz
toff(PFC)min
minimum PFC
off-time
secondary stroke
0.8
1.1
1.4
s
Valley switching PFC (PFCAUX pin)
(
V/t)
vrec(PFC)
PFC valley
recognition voltage
change with time
--
1.7
V/
s
tto(vrec)PFC
PFC valley
recognition time-out
time
34.2
5.4
s
Demagnetization management PFC (PFCAUX pin)
Vth(comp)PFCAUX
comparator threshold
voltage on pin
PFCAUX
125 90
55
mV
tto(demag)PFC
PFC demagnetization
time-out time
39
48
57
s
Iprot(PFCAUX)
protection current on
pin PFCAUX
VPFCAUX =50mV
75
-
5nA
PFC off delay (PFCTIMER pin)
Isource(PFCTIMER)
source current on pin
PFCTIMER
VPFCTIMER =2.5 V
5.4
4.7
4
A
Rsink(PFCTIMER)
sink resistance on pin
PFCTIMER
VPFCTIMER =2.5 V
4
5.5
7
k
Vstart(PFCTIMER)
start voltage on pin
PFCTIMER
0.93
1.03
1.13
V
Vstop(PFCTIMER)
stop voltage on pin
PFCTIMER
2.85
3
3.15
V
Vth(off)PFCTIMER
switch-off threshold
voltage on pin
PFCTIMER
PFC override voltage
4.2
4.4
4.6
V
Driver (PFCDRIVER pin)
Isrc(PFCDRIVER)
source current on pin
PFCDRIVER
VPFCDRIVER =2V
-
0.5
-
A
Isink(PFCDRIVER)
sink current on pin
PFCDRIVER
VPFCDRIVER =2.5 V
-
0.7
-
A
VO(PFCDRIVER)max
maximum output
voltage on pin
PFCDRIVER
10
11
12
V
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com