Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34922MY/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM34922MY/NOPB
Description  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34922MY/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM34922MY/NOPB Datasheet HTML 1Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 2Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 3Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 4Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 5Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 6Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 7Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 8Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0
10
30
VIN (V)
10
100
1000
10000
20
5
25
15
RT = 500k
300k
50k
100k
200k
LM34922
www.ti.com
SNVS813A – JUNE 2012 – REVISED MARCH 2013
Typical Performance Characteristics
On-Time
vs
Efficiency (Circuit of Figure 19)
VIN and RT
Figure 2.
Figure 3.
Voltage at the RT Pin
Shutdown Current into VIN
Figure 4.
Figure 5.
PGD Low Voltage
vs.
Operating Current into VIN
Sink Current
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM34922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com