Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34922MY/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM34922MY/NOPB
Description  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34922MY/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM34922MY/NOPB Datasheet HTML 1Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 2Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 3Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 4Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 5Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 6Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 7Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 8Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FB
SW
L1
RFB2
LM34922
BST
CBST
D1
CS
RT
VIN
6V to 28V
Input
CIN
SS
CSS
RT
SGND
PGD
CSG
RS
RPGD
VPGD
COUT
RFB1
VOUT
Power
Good
LM34922
www.ti.com
SNVS813A – JUNE 2012 – REVISED MARCH 2013
LM34922 28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
Check for Samples: LM34922
1
FEATURES
•
Thermal Shutdown
•
Precision 2% Feedback Reference
2
•
Input Operating Voltage Range: 6V to 28V
•
Absolute Maximum Input Rating: 30V
DESCRIPTION
•
Integrated 2A N-Channel Buck Switch
The
LM34922
Constant
On-time
Step-Down
•
Adjustable Current Limit Allows for Smaller
Switching Regulator features all the functions needed
Inductor
to implement a low cost, efficient, buck bias regulator
capable of supplying up to 2A of load current. This
•
Adjustable Output Voltage from 2.51V
voltage regulator contains an N-Channel Buck switch,
•
Minimum Ripple Voltage at VOUT
a startup regulator, current limit detection, and
•
Power Good Output
internal
ripple
control.
The
constant
on-time
regulation principle requires no loop compensation,
•
Switching Frequency Adjustable to 1MHz
results in fast load transient response, and simplifies
•
COT Topology Features:
circuit
implementation.
The
operating
frequency
–
Switching Frequency Remains Nearly
remains constant with line and load. The adjustable
Constant with Load Current and Input
valley current limit detection results in a smooth
Voltage Variations
transition from constant voltage to constant current
mode when current limit is reached, without the use
–
Ultra-Fast Transient Response
of current limit foldback. The PGD output indicates
–
No Loop Compensation Required
the output voltage has increased to within 5% of the
–
Stable Operation with Ceramic Output
expected
regulation
value.
Additional
features
Capacitors
include: Low output ripple, VIN under-voltage lock-
out, adjustable soft-start timing, thermal shutdown,
–
Allows for Smaller Output Capacitor and
gate drive pre-charge, gate drive under-voltage lock-
Current Sense Resistor
out, and maximum duty cycle limit.
•
Adjustable Soft-Start Timing
Typical Application, Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34922MY/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34922MY/NOPB TI2-LM34922MY/NOPB Datasheet
682Kb / 21P
LM34922 28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
REVISED MARCH 2013
LM34922MY/NOPB.A TI2-LM34922MY/NOPB.A Datasheet
682Kb / 21P
LM34922 28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
REVISED MARCH 2013
More results

Similar Description - LM34922MY/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com