Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34922MY/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM34922MY/NOPB
Description  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34922MY/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM34922MY/NOPB Datasheet HTML 7Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 8Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 9Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 10Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 11Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 12Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 13Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 14Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Voltage
at CS
0V
VRIPPLE
tOFF
tON
Inductor
Current
'I
(3a)
Current
Limit Threshold
Normal
Operation
Load
Current
Increases
Current
Limited
'I
Inductor
Current
Decreases
Load Current
Normal
Operation
Voltage at the FB Pin
2.51V
Voltage at the CS Pin
0V
IPK
IO1
IO2
IOCL
LM34922
www.ti.com
SNVS813A – JUNE 2012 – REVISED MARCH 2013
Figure 16. Normal and Current Limit Operation
Ripple Requirements
The LM34922 requires a minimum of 15mVp-p ripple voltage at the CS pin. That ripple voltage is generated by
the decreasing recirculating current (the inductor’s ripple current) through RS during the off-time. See Figure 17.
Figure 17. CS Pin Waveform
The ripple voltage is equal to:
VRIPPLE = ΔI x RS
where
•
ΔI is the inductor current ripple amplitude
•
RS is the current sense resistor at the CS pin
(7)
N-Channel Buck Switch and Driver
The LM34922 integrates an N-Channel buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor (CBST) and an internal high voltage diode.
A 0.1µF capacitor connected between BST and SW provides the supply voltage for the driver during the on-time.
During each off-time, the SW pin is at approximately -1V, and CBST is recharged from the internal 5V regulator for
the next on-time. The minimum off-time ensures a sufficient time each cycle to recharge the bootstrap capacitor.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com