Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34922MY/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM34922MY/NOPB
Description  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34922MY/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM34922MY/NOPB Datasheet HTML 8Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 9Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 10Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 11Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 12Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 13Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 14Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 15Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
RUN
LM34922
SS
CSS
STOP
LM34922
SNVS813A – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Soft-Start
The soft-start feature allows the converter to gradually reach a steady state operating point, thereby reducing
startup stresses and current surges. Upon turn-on, when VIN reaches its under-voltage lock-out threshold an
internal 10µA current source charges the external capacitor at the SS pin to 2.51V (t1 in Figure 15). The ramping
voltage at SS ramps the non-inverting input of the regulation comparator, and the output voltage, in a controlled
manner. For proper operation, the soft-start capacitor should be no smaller than 1000pF.
The LM34922 can be employed as a tracking regulator by applying the controlling voltage to the SS pin. The
regulator’s output voltage tracks the applied voltage, gained up by the ratio of the feedback resistors. The applied
voltage at the SS pin must be within the range of 0.5V to 2.6V. The absolute maximum rating for the SS pin is
3.0V. If the tracking function causes the voltage at the FB pin to go below the thresholds for the PGD pin, the
PGD pin will switch low (see the Power Good Output (PGD) section). An internal switch grounds the SS pin if the
input voltage at VIN is below its under-voltage lock-out threshold or if the Thermal Shutdown activates. If the
tracking function (described above) is used, the tracking voltage applied to the SS pin must be current limited to
a maximum of 1mA.
Shutdown Function
The SS pin can be used to shutdown the LM34922 by grounding the SS pin as shown in Figure 18. Releasing
the pin allows normal operation to resume.
Figure 18. Shutdown Implemetation
Power Good Output (PGD)
The Power Good output (PGD) indicates when the voltage at the FB pin is close to the internal 2.51V reference
voltage. The rising threshold at the FB pin for the PGD output to switch high is 95% of the internal reference. The
falling threshold for the PGD output to switch low is approximately 3.3% below the rising threshold.
The PGD pin is internally connected to the drain of an N-channel MOSFET switch. An external pull-up resistor
(RPGD), connected to an appropriate voltage not exceeding 7V, is required at PGD to indicate the LM34922’s
status to other circuitry. When PGD is low, the pin’s voltage is determined by the current into the pin. See the
graph “ PGD Low Voltage vs. Sink Current”.
Upon powering up the LM34922, the PGD pin is high until the voltage at VIN reaches 2V, at which time PGD
switches low. As VIN is increased PGD stays low until the output voltage takes the voltage at the FB pin above
95% of the internal reference voltage, at which time PGD switches high. As VIN is decreased (during shutdown)
PGD remains high until either the voltage at the FB pin falls below
≊92% of the internal reference, or when VIN
falls below its lower UVLO threshold, whichever occurs first. PGD then switches low, and remains low until VIN
falls below 2V, at which time PGD switches high. If the LM34922 is used as a tracking regulator (see the Soft-
Start section), the PGD output is high as long as the voltage at the FB pin is above the thresholds mentioned
above.
Thermal Shutdown
The LM34922 should be operated so the junction temperature does not exceed 125°C. If the junction
temperature increases above that, an internal Thermal Shutdown circuit activates (typically) at 155°C, taking the
controller to a low power reset state by disabling the buck switch and taking the SS pin to ground. This feature
helps prevent catastrophic failures from accidental device overheating. When the junction temperature reduces
below 135°C (typical hysteresis = 20°C) normal operation resumes.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM34922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com