| Electronic Components Datasheet Search |
|
TPS54341 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS54341 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 48 page ![]() EN TPS54160 3 SS/TR 4 PWRGD 6 EN TPS54160 3 SS/TR 4 PWRGD 6 TPS54341 TPS54341 SS /TR TPS54341 EN PWRGD SS /TR EN PWRGD TPS54341 TPS54341 SLVSC61 – NOVEMBER 2013 www.ti.com DETAILED DESCRIPTION (continued) Sequencing Many of the common power-supply sequencing methods are implemented using the SS/TR, EN, and PWRGD pins. The sequential method is implemented using an open-drain output of a power-on reset pin of another device. The sequential method is illustrated in Figure 29 using two TPS54341 devices. The power good is connected to the EN pin on the TPS54341 device which enables the second power supply once the primary supply reaches regulation. If needed, a 1-nF ceramic capacitor on the EN pin of the second power supply provides a 1-ms startup delay. Figure 30 shows the results of Figure 29. Figure 29. Schematic for Sequential Startup Figure 30. Sequential Startup Using EN and Sequence PWRGD Figure 31. Schematic for Ratiometric Startup Figure 32. Ratiometric Startup Using Coupled Sequence SS/TR pins Figure 31 shows a method for ratiometric start-up sequence by connecting the SS/TR pins together. The regulator outputs ramp up and reach regulation at the same time. When calculating the soft-start time the pullup current source must be doubled in Equation 5. Figure 32 shows the results of Figure 31. 16 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: TPS54341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |