Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP221 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 14
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
8
电气特性
参数
描述
控制条件
最小值 典型值 最大值
单位
ACIN
VIN
ACIN Input Voltage
3.8
6.3
V
IOUT
VOUT Current Available Before
Loading BAT
400mV Voltage
Drop
3000
mA
VUVLO
ACIN Under Voltage Lockout
3.8
V
VOUT
IPS Output Voltage
2.9
5.0
V
RACIN
Internal Ideal Resistance
PIN to PIN,
ACIN to IPSOUT
110
mOhm
VBUS
VIN
VBUS Input Voltage
3.8
6.3
V
IOUT
VOUT Current Available Before
Loading BAT
400mV Voltage
Drop
500
900
mA
VUVLO
VBUS Under Voltage Lockout
3.8
V
VOUT
IPS Output Voltage
2.9
5.0
V
RVBUS
Internal Ideal Resistance
PIN to PIN,
VBUS to
IPSOUT
155
mOhmΩ
Battery Charger
VTRGT
BAT Charge Target Voltage
-0.5%
4.2
+0.5%
V
ICHRG
Charge Current
1200
2200
mA
ITRKL
Trickle Charge Current
10%
ICHRG mA
VTRKL
Trickle Charge Threshold Voltage
3.0
V
ΔVRECHG
Recharge Battery Threshold Voltage
Threshold
Voltage Relative
to VTARGET
-100
mV
TTIMER1
Charger Safety Timer Termination
Time
Trickle Mode
50
Min
TTIMER2
Charger Safety Timer Termination
Time
CC Mode
480
Min
IEND
End of Charge Indication Current
Ratio
CV Mode
10%
15%
ICHRG mA
NTC
VTL
Cold Temperature Fault Threshold
Voltage
Charge
0
2.112
3.264
V
Discharge
3.226
VTH
Hot Temperature Fault Threshold
Voltage
Charge
0
0.397
3.264
V
Discharge
0.5
VTE
NTC Disable Threshold Voltage
Falling
Threshold
Hysteresis
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com