Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP221 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AXP221
PAGE 17
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
参数
描述
控制条件
最小值
典型值 最大值 单位
PSRR
Power Supply
Rejection Ratio
I DLDO2=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
DLDO3
V DLDO3
Output Voltage
I DLDO3=1mA
-1%
OFF
1%
V
I DLDO3
Output Current
200
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply
Rejection Ratio
I DLDO3=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
DLDO4
V DLDO4
Output Voltage
I DLDO4=1mA
-1%
OFF
1%
V
I DLDO4
Output Current
100
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply
Rejection Ratio
I DLDO4=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
ELDO1
V ELDO1
Output Voltage
I ELDO1=1mA
-1%
OFF
1%
V
I ELDO1
Output Current
400
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply
Rejection Ratio
I ELDO1=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
ELDO2
V ELDO2
Output Voltage
I ELDO2=1mA
-1%
OFF
1%
V
IELDO2
Output Current
200
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply
Rejection Ratio
I ELDO2=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
ELDO3
V ELDO3
Output Voltage
I ELDO3=1mA
-1%
OFF
1%
V
I ELDO3
Output Current
200
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply
Rejection Ratio
IELDO3=10mA,1KHz
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com