Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4833 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4833
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4833 Datasheet HTML 1Page - Micro Linear Corporation ML4833 Datasheet HTML 2Page - Micro Linear Corporation ML4833 Datasheet HTML 3Page - Micro Linear Corporation ML4833 Datasheet HTML 4Page - Micro Linear Corporation ML4833 Datasheet HTML 5Page - Micro Linear Corporation ML4833 Datasheet HTML 6Page - Micro Linear Corporation ML4833 Datasheet HTML 7Page - Micro Linear Corporation ML4833 Datasheet HTML 8Page - Micro Linear Corporation ML4833 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ML4833
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RSET = 22.1ký, RT = 15.8kW, CT = 1.5nF, CVCC = 1µF, VCC = 12.5V. (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Lamp Current Amplifier (LAMP FB, LFB OUT)
Input Bias Current
–0.3
–1.0
µA
Small Signal Transconductance
35
65
105
µW
Input Voltage Range
–0.3
5.0
V
Output Low
Voltage at LAMP FB = 3V, RL = •
0.2
0.4
V
Output High
Voltage at LAMP FB = 2V, RL = •
7.1
7.5
7.8
V
Source Current
Voltage at LAMP FB = 0V,
LFB OUT = 7V, TA = 25°C
–0.05
–0.15
–0.25
mA
Sink Current
Voltage at LAMP FB = 5V,
LFB OUT = 0.3V, TA = 25°C
0.05
0.12
0.22
mA
PFC Voltage Feedback Amplifier (PEAO, PVFB/OVP)
Input Bias Current
–0.3
–1.0
µA
Small Signal Transconductance
35
65
105
µW
Input Voltage Range
–0.3
5.0
V
Output Low
Voltage at PVFB = 3V, RL = •
0.2
0.4
V
Output High
Voltage at PVFB = 2V, RL = •
6.5
6.8
7.1
V
Source Current
Voltage at PVFB/OVP = 0V,
PEAO = 6V, TA = 25°C
–0.05
–0.15
–0.25
mA
Sink Current
Voltage at PVFB/OVP = 3V,
PEAO = 0.3V, TA = 25°C
0.03
0.07
0.16
mA
PFC Current — Limit Comparator (PIFB)
Current-Limit Threshold
–0.90
–1.05
–1.15
V
Propagation Delay
100mV step and 100mV overdrive
100
ns
Oscillator
Initial Accuracy
TA = 25°C
72
76
80
kHz
Voltage Stability
VCCZ – 4.5V < VCC <VCCZ – 0.5V
1
%
Temperature Stability
2%
Total Variation
Line, temperature
69
83
kHz
Ramp Valley to Peak
2.5
V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 60mA
Output Current, Source or Sink
(OUT A, OUT B, PFC OUT) DC ......................... 250mA
Output Energy (capacitive load per cycle).............. 1.5 mJ
Analog Inputs
(LAMP FB, INTERRUPT, VCC) ........... –0.3V to VCC –2V
PIFB input voltage ......................................... –1.5V to 2V
Maximum Forced Voltage
(PEAO, LFB OUT) ................................... –0.3V to 7.7V
Maximum Forced Current (PEAO, LFB OUT) ........ ±20mA
Junction Temperature ............................................ 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) .................... 260°C
Thermal Resistance (
qJA)
ML4833CP ...................................................... 70°C/W
ML4833CS .................................................... 100°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com