Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4833 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4833
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4833 Datasheet HTML 1Page - Micro Linear Corporation ML4833 Datasheet HTML 2Page - Micro Linear Corporation ML4833 Datasheet HTML 3Page - Micro Linear Corporation ML4833 Datasheet HTML 4Page - Micro Linear Corporation ML4833 Datasheet HTML 5Page - Micro Linear Corporation ML4833 Datasheet HTML 6Page - Micro Linear Corporation ML4833 Datasheet HTML 7Page - Micro Linear Corporation ML4833 Datasheet HTML 8Page - Micro Linear Corporation ML4833 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ML4833
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator (Continued)
CT Charging Current
Voltage at LAMP FB = 3V,
RT/CT = 2.5V, RX/CX = 0.9V (Preheat)
–90
–110
–130
µA
LAMP FB = 3V, RT/CT = 2.5V,
RX/CX = Open
–180
–220
–260
µA
CT Discharge Current
Voltage at RT/CT = 2.5V
4.0
5.5
7.0
mA
Output Drive Deadtime
0.65
1
1.35
µs
Reference Section
Output Voltage
TA = 25°C, IO = 1mA
7.4
7.5
7.6
V
Line regulation
VCCZ – 4.5V < VCC < VCCZ – 0.5V
2
35
mV
Load regulation
1mA < IO < 5mA
2
15
mV
Temperature stability
0.4
%
Total Variation
Line, load, temp
7.35
7.65
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs
5
mV
Preheat and Interrupt Timer (RX/CX where RX = 680ký, CX = 4.7µF)
Initial Preheat Period
0.8
s
Subsequent Preheat Period
0.7
s
Start Period
1.2
s
Interrupt Period
5.7
s
RX/CX Charging Current
–24
–28
–33
µA
RX/CX Open Circuit Voltage
VCC < Start-up threshold
0.4
0.7
1.0
V
RX/CX Maximum Voltage
7.0
7.3
7.7
V
Input Bias Current
Voltage at CRAMP = 1.2V
0.1
µA
Preheat Lower Threshold
1.05
1.22
1.36
V
Preheat Upper Threshold
4.2
4.7
5.1
V
Interrupt Recovery Threshold
1.05
1.22
1.36
V
Start Period End Threshold
6.05
6.6
7.35
V
Interrupt Input (INTERRUPT)
Interrupt Threshold
1.1
1.22
1.4
V
Input Bias Current
0.1
µA
RSET Voltage
2.4
2.5
2.6
V
OVP Comparator (PVFB/OVP)
OVP Threshold
2.63
2.73
2.83
V
Hysteresis
0.18
0.23
0.27
V
Propagation Delay
1.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com