Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4833 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4833
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4833 Datasheet HTML 4Page - Micro Linear Corporation ML4833 Datasheet HTML 5Page - Micro Linear Corporation ML4833 Datasheet HTML 6Page - Micro Linear Corporation ML4833 Datasheet HTML 7Page - Micro Linear Corporation ML4833 Datasheet HTML 8Page - Micro Linear Corporation ML4833 Datasheet HTML 9Page - Micro Linear Corporation ML4833 Datasheet HTML 10Page - Micro Linear Corporation ML4833 Datasheet HTML 11Page - Micro Linear Corporation ML4833 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ML4833
8
The oscillator frequency is determined by the following
equations:
F
tt
OSC
CHG
DIS
=
+
1
(3)
and
tR C In
VI
R
V
VI
R
V
CHG
T T
REF
CH
T
TL
REF
CH
T
TH
=
+−
+−


(4)
The oscillator’s minimum frequency is set when ICH = 0
where:
F
RC
OSC
TT
≅
×
1
051
.
(5)
Figure 4 shows the output configuration for the
operational transconductance amplifiers.
CURRENT
MIRROR
IN
OUT
CURRENT
MIRROR
IN
OUT
gmVIN
io = gmVIN
IQ +
2
gmVIN
IQ –
2
Figure 4. Output Configuration
A DC path to ground or VCC at the output of the
transconductance amplifiers will introduce an offset error.
The magnitude of the offset voltage that will appear at the
input is given by VOS = io/gm. For an io of 1µA and a gm
of 0.05 µ
W the input referred offset will be 20mV.
Capacitor C1 as shown in Figure 3 is used to block the
DC current to minimize the adverse effect of offsets.
Slew rate enhancement is incorporated into all of the
operational transconductance amplifiers in the ML4833.
This improves the recovery of the circuit in response to
power up and transient conditions. The response to large
signals will be somewhat non-linear as the transconductance
amplifiers change from their low to high transconductance
mode. This is illustrated in Figure 5.
VIN Differential
Linear Slope Region
0
iO
Figure 5. Transconductance Amplifier Characteristics
BALLAST OUTPUT SECTION
The IC controls output power to the lamps via frequency
modulation with non-overlapping conduction. This means
that both ballast output drivers will be low during the
discharging time tDIS of the oscillator capacitor CT.
OSCILLATOR
The VCO frequency ranges are controlled by the output
of the LFB amplifier (RSET). As lamp current increases,
LFB OUT falls in voltage, causing the CT charging current
to increase, thereby causing the oscillator frequency to
increase. Since the ballast output network attenuates high
frequencies, the power to the lamp will be decreased.
17
+
–
1.25/3.75
7
CT
VREF
ICHG
VREF
CONTROL
RT/CT
RT
5.5mA
CLOCK
CT
VTH = 3.75V
VTL = 1.25V
tDIS
tCHG
Figure 6. Oscillator Block Diagram and Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com