Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4833 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4833
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4833 Datasheet HTML 1Page - Micro Linear Corporation ML4833 Datasheet HTML 2Page - Micro Linear Corporation ML4833 Datasheet HTML 3Page - Micro Linear Corporation ML4833 Datasheet HTML 4Page - Micro Linear Corporation ML4833 Datasheet HTML 5Page - Micro Linear Corporation ML4833 Datasheet HTML 6Page - Micro Linear Corporation ML4833 Datasheet HTML 7Page - Micro Linear Corporation ML4833 Datasheet HTML 8Page - Micro Linear Corporation ML4833 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ML4833
5
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Outputs (OUT A, OUT B, PFC OUT)
Output Voltage Low
IOUT = 20mA
0.1
0.2
V
IOUT = 200mA
1.0
2.0
V
Output Voltage High
IOUT = –20mA
VCC – 0.2 VCC – 0.1
V
IOUT = –200mA
VCC – 2.0 VCC – 1.0
V
Output Voltage Low in UVLO
IOUT = 10mA, VCC < Start-up threshold
0.2
V
Output Rise/Fall Time
CL = 1000pF
20
ns
Under-Voltage Lockout and Bias Circuits
IC Shunt Protection Voltage (VCCZ)ICC = 15mA
14.2
15.0
15.8
V
Start-up Current
VCC - Start-up threshold
0.34
0.48
mA
Operating Current
VCC = 12.5V,
5.5
8.0
mA
Voltage at LAMP FB = 0V,
LFB OUT = 2.3, PVFB/OVP = 2.3V
PIFB = Open
Start-up Threshold
VCC – 1.2 VCCZ – 1.0 VCC – 0.8
V
Shutdown Threshold
VCC – 5.3 VCCZ – 4.8 VCC – 4.3
V
Shutdown Temperature (TDWN)
(Note 2)
130
°C
Hysteresis (TDWN)
30
°C
PDWN
PDWN Threshold
0.9
1.0
1.1
V
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.
Note 2: Junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com