Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4833 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4833
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4833 Datasheet HTML 2Page - Micro Linear Corporation ML4833 Datasheet HTML 3Page - Micro Linear Corporation ML4833 Datasheet HTML 4Page - Micro Linear Corporation ML4833 Datasheet HTML 5Page - Micro Linear Corporation ML4833 Datasheet HTML 6Page - Micro Linear Corporation ML4833 Datasheet HTML 7Page - Micro Linear Corporation ML4833 Datasheet HTML 8Page - Micro Linear Corporation ML4833 Datasheet HTML 9Page - Micro Linear Corporation ML4833 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ML4833
6
FUNCTIONAL DESCRIPTION
OVERVIEW
The ML4833 consists of peak current controlled
continuous boost power factor front end section with a
flexible ballast control section. Start-up and lamp-out
retry timing are controlled by the selection of external
timing components, allowing for control of a wide variety
of different lamp types. The ballast section controls the
lamp power using frequency modulation (FM) with
additional programmability provided to adjust the VCO
frequency range. This allows for the IC to be used with a
variety of different output networks. Figure 1 depicts a
detailed block diagram of ML4833.
POWER FACTOR SECTION
The ML4833 power factor section is a peak current
sensing boost mode PFC control circuit in which only
voltage loop compensation is needed. It is simpler than a
conventional average current control method. It consists
of a voltage error amplifier, a current sense amplifier (no
compensation is needed), an integrator, a comparator, and
a logic control block. In the boost topology, power factor
correction is achieved by sensing the output voltage and
the current flowing through the current sense resistor. Duty
cycle control is achieved by comparing the integrated
voltage signal of the error amplifier and the voltage
across RSENSE. The duty cycle control timing is shown in
Figure 2. Setting minimum input voltage for output
regulation can be achieved by selecting CRAMP according
to equation 1.
C
PEAO
K
DTs
s
P
V
VV
L
DTs
R
RAMP
MAX
OUT
IN
OUT
IN
SENSE
=−
−
µ
{}
−
−


−
22
11 1
1
22
2
18
()
.
()
(1)
OVERVOLTAGE PROTECTION AND INHIBIT
The OVP pin serves to protect the power circuit from
being subjected to excessive voltages if the load should
change suddenly (lamp removal). A divider from the high
voltage DC bus sets the OVP trip level. When the voltage
on PVFB/OVP exceeds 2.75V, the PFC transistor are
inhibited. The ballast section will continue to operate.
6
RSET
RT/CT
VCC
VREF
GND
2.5V
PVFB/OVP
PEAO
CRAMP
PIFB
7
RX/CX
9
16
17
11
18
1
10
2
OUT B
13
+
–
+
–
+
–
–
+
–
+
2.5V
1.0V
+
–
1.25V
–1.0V
2.75V
PREHEAT
TIMER
OSC
CLK
UNDER-VOLTAGE
THERMAL SHUTDOWN
REFOK
–
+
TQ
PGND
12
OUT A
14
PFC OUT
15
PDWN
3
INTERRUPT
8
LFB OUT
5
LAMP FB
4
OVP
ISENSE AMPLIFIER
ILIM
R
SQ
R
S
Q
V TO I
Figure 1. ML4833 Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com