Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3430 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 12Page - ON Semiconductor ADP3430 Datasheet HTML 13Page - ON Semiconductor ADP3430 Datasheet HTML 14Page - ON Semiconductor ADP3430 Datasheet HTML 15Page - ON Semiconductor ADP3430 Datasheet HTML 16Page - ON Semiconductor ADP3430 Datasheet HTML 17Page - ON Semiconductor ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ADP3430
http://onsemi.com
16
Application Information
The design parameters for a typical Intel VRD 11.1
compliant CPU application are as follows:
• Input voltage (VIN) = 12 V
• VID setting voltage (VVID) = 1.51875 V
• Duty cycle (D) = 0.1266
• Nominal output voltage at no load (VONL) = 1.5 V
• Maximum output current (IO) = 69 A
• Maximum output current step (DIO) = 56 A
• Maximum output current slew rate (SR) = 50 A/ms
• Number of phases (n) = 3
• Switching frequency per phase (fsw) = 300 kHz
Setting the Clock Frequency
The ADP3430 uses a fixed frequency control architecture.
The frequency is set by an external timing resistor (RT). The
clock frequency determines the switching frequency per
phase, which relates directly to switching losses as well as
the sizes of the inductors, the input capacitors, and output
capacitors. A clock frequency of 1.8 MHz sets the switching
frequency (fsw) of each phase to 300 kHz, which represents
a practical trade−off between the switching losses and the
sizes of the output filter components. Figure 3 shows that to
achieve a 1.8 MHz oscillator frequency, the correct value for
RT is 97 kW. Alternatively, the value for RT can be calculated
using:
RT +
1
fosc
5.3 pF )
4.4 kW
(eq. 1)
fsw +
fosc
6
where 5.3 pF is the internal IC component values. For good
initial accuracy and frequency stability, a 1% resistor is
recommended.
Soft−Start Delay Time
The value of
CSS sets the soft−start time. The ramp is
generated with a 15
mA internal current source. The value for
CSS can be found using:
CSS + 15 mA
TD2
VBOOT
(eq. 2)
where TD2 is the desired soft−start time, and VBOOT is
internally set to 1.0 V.
Assuming a desired TD2 time of 2.5 ms, CSS is 37.5 nF.
The closest standard value for CSS is 39 nF. Although CSS
also controls the time delay for TD4 (determined by the final
VID voltage), the minimum specification for TD4 is 0 ns.
This means that as long as the TD2 time requirement is met,
TD4 is within the specification.
Current Limit Latchoff Delay Times
The startup and current limit delay times are determined
by the capacitor connected to the DELAY pin. The first step
is to set CDLY for the TD1, TD3, and TD5 delay times (see
Figure 5). The DELAY ramp (IDELAY) is generated using a
15
mA internal current source.
The value for CDLY can be approximated using:
CDLY + IDELAY
TD(x)
VDELAY(TH)
(eq. 3)
where TD(x) is the desired delay time for TD1, TD3, and
TD5. The DELAY threshold voltage (VDELAY(TH)) is given
as 1.7 V. In this example, 2 ms is chosen for all three delay
times, which meets Intel specifications. Solving for CDLY
gives a value of 17.6 nF. The closest standard value for CDLY
is 18 nF.
When the ADP3430 enters current limit, the internal
current source changes from 15
mA to 3.75 mA. This makes
the latchoff delay time four times longer than the startup
delay time. Longer latchoff delay times can be achieved by
placing a resistor in parallel with CDLY.
Inductor Selection
The choice of inductance for the inductor determines the
ripple current in the inductor. Less inductance leads to more
ripple current, which increases the output ripple voltage and
conduction losses in the MOSFETs. However, using smaller
inductors allows the converter to meet a specified
peak−to−peak transient deviation with less total output
capacitance. Conversely, a higher inductance means lower
ripple current and reduced conduction losses, but more
output capacitance is required to meet the same
peak−to−peaktransient deviation.
In any multiphase converter, a practical value for the
peak−to−peak inductor ripple current is less than 50% of
the maximum dc current in the same inductor. Equation 4
shows the relationship between the inductance, oscillator
frequency, and peak−to−peak ripple current in the inductor.
IR +
VVID (1 * D)
fSW L
(eq. 4)
As a typical design, the IR should be no bigger than 45% of
the DC current, thus it needs to satisfy:
VVID (1 * D)
fSW L
v 0.45
Imax
n
(eq. 5)
Solving Equation 5 for for above example, it has:
L w
1.51875 V
(1 * 0.1266)
300 kHz
0.45
69 A
3
+ 430 nH
For this example, choosing a 450 nH inductor is a good
starting point and gives a calculated ripple current of 9.8 A.
The inductor should not saturate at the peak current of 28 A
and should be able to handle the sum of the power dissipation
caused by the average current of 23 A in the winding and
core loss.
Another important factor in the inductor design is the dc
resistance (DCR), which is used for measuring the phase
currents. A large DCR can cause excessive power losses,
though too small a value can lead to increased measurement
error for current limit and current monitoring. The typical
DCR value is about 0.5 − of 0.8 m
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com