Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3430 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor ADP3430 Datasheet HTML 23Page - ON Semiconductor ADP3430 Datasheet HTML 24Page - ON Semiconductor ADP3430 Datasheet HTML 25Page - ON Semiconductor ADP3430 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADP3430
http://onsemi.com
24
the output response every time a change is made, and
check the switching nodes to ensure that the
response is still stable.
20. For load release (see Figure 15), if VTRANREL is
larger than the allowed overshoot, there is not
enough output capacitance. Either more
capacitance is needed, or the inductor values need
to be made smaller. When changing inductors,
start the design again using a spreadsheet and this
tuning procedure.
Figure 15. Transient Setting Waveform
VDROOP
VTRANREL
Because the ADP3430 turns off all of the phases (switches
inductors to ground), no ripple voltage is present during load
release. Therefore, the user does not have to add headroom
for ripple. This allows load release VTRANREL to be larger
than VTRAN1 by the amount of ripple, and still meet
specifications.
If VTRAN1 and VTRANREL are less than the desired final
droop, this implies that capacitors can be removed. When
removing capacitors, also check the output ripple voltage to
make sure it is still within specifications.
Layout and Component Placement
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system.
General Requirements
For good results, a PCB with at least four layers is
recommended. This provides the needed versatility for
control circuitry interconnections with optimal placement,
power planes for ground, input and output power, and wide
interconnection traces in the remainder of the power
delivery current paths. Keep in mind that each square unit of
1 ounce copper trace has a resistance of ~0.53 m
W at room
temperature.
Whenever high currents must be routed between PCB
layers, use vias liberally to create several parallel current
paths, so the resistance and inductance introduced by these
current paths is minimized and the via current rating is not
exceeded.
If critical signal lines (including the output voltage sense
lines of the ADP3430) must cross through power circuitry,
it is best to interpose a signal ground plane between those
signal lines and the traces of the power circuitry. This serves
as a shield to minimize noise injection into the signals at the
expense of making signal ground a bit noisier.
An analog ground plane should be used around and under
the ADP3430 as a reference for the components associated
with the controller. This plane should be tied to the nearest
output decoupling capacitor ground and should not be tied
to any other power circuitry to prevent power currents from
flowing into it.
The components around the ADP3430 should be located
close to the controller with short traces. The most important
traces to keep short and away from other traces are the FB
pin and CSSUM pin. The output capacitors should be
connected as close as possible to the load (or connector), for
example, a microprocessor core, that receives the power. If
the load is distributed, the capacitors should also be
distributed and generally be in proportion to where the load
tends to be more dynamic.
Avoid crossing any signal lines over the switching power
path loop described in the Power Circuitry Recommendations
sections.
Power Circuitry Recommendations
The switching power path should be routed on the PCB to
encompass the shortest possible length to minimize radiated
switching noise energy (EMI) and conduction losses in the
board. Failure to take proper precautions often results in
EMI problems for the entire PC system and noise−related
operational problems in the power converter control
circuitry. The switching power path is the loop formed by
the current path through the input capacitors and the power
MOSFETs, including all interconnecting PCB traces and
planes. Using short and wide interconnection traces is
especially critical in this path for two reasons: it minimizes
the inductance in the switching loop, which can cause high
energy ringing; and it accommodates the high current
demand with minimal voltage loss.
When a power dissipating component, for example, a
power MOSFET, is soldered to a PCB, it is recommended to
liberally use the vias, both directly on the mounting pad and
immediately surrounding it. Two important reasons for this
are improved current rating through the vias and improved
thermal performance from vias extended to the opposite side
of the PCB, where a plane can more readily transfer the heat
to the air. Make a mirror image of any pad being used to
heat−sink the MOSFETs on the opposite side of the PCB to
achieve the best thermal dissipation in the air around the
board. To further improve thermal performance, use the
largest possible pad area.
The output power path should also be routed to encompass
a short distance. The output power path is formed by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com