Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3430 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor ADP3430 Datasheet HTML 23Page - ON Semiconductor ADP3430 Datasheet HTML 24Page - ON Semiconductor ADP3430 Datasheet HTML 25Page - ON Semiconductor ADP3430 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ADP3430
http://onsemi.com
22
Figure 11. VR Thermal Monitor Circuit
TTSNS
VRHOT
9
10
ADP3430
OPTIONAL
TEMPERATURE
ADJUST
RESISTOR
0.1mF
PLACE THERMISTOR
NEAR CLOSEST PHASE
RTTSENSE
A voltage is generated from this current through the
thermistor and sensed inside the IC. When the voltage
reaches 0.81 V, the VRHOT gets set. This corresponds to
RTTSENSE values of 6.58 kW for VRHOT.
These values correspond to a thermistor temperature of
~100
°C and ~110°C when using the same type of 100 kW
NTC thermistor used in the current sense amplifier.
An additional fixed resistor in parallel with the thermistor
allows tuning of the trip point temperatures to match the
hottest temperature in the VR, when the thermistor itself is
directly sensing a proportionately lower temperature.
Setting this resistor value is best accomplished with a
variable resistor during thermal validation and then fixing
this value for the final design.
Additionally, a 0.1
mF capacitor should be used for
filtering noise.
Shunt Resistor Design
The ADP3430 uses a shunt to generate 5.0 V from the
12 V supply range. A trade off can be made between the
power dissipated in the shunt resistor and the UVLO
threshold. Figure 12 shows the typical resistor value needed
to realize certain UVLO voltages. It also gives the maximum
power dissipated in the shunt resistor for these UVLO
voltages.
Figure 12. Typical Shunt Resistor Value and Power Dissipation for Different UVLO Voltage
VIN (UVLO)
150
250
350
450
550
7.0
8.0
9.0
10.0
11.0
200
300
400
500
RSHUNT
7.5
8.5
9.5
10.5
0.10
0.20
0.30
0.40
0.50
0.15
0.25
0.35
0.45
PSHUNT
The maximum power dissipated is calculated using
Equation 35.
PMAX +
VIN(MAX) * VCC(MIN)
2
RSHUNT
(eq. 35)
where:
VIN(MAX) is the maximum voltage from the 12 V input
supply (if the 12 V input supply is 12 V
± 5%,
VIN(MAX) = 12.6 V; if the 12 V input supply is 12 V ± 10%,
VIN(MAX) = 13.2 V). VCC(MIN) is the minimum VCC voltage
of the ADP3430. This is specified as 4.75 V. RSHUNT is the
shunt resistor value.
The CECC standard specification for power rating in
surface mount resistors is: 0603 = 0.1 W, 0805 = 0.125 W,
1206 = 0.25 W.
Tuning the ADP3430
1. Build a circuit based on the compensation values
computed from the design spreadsheet.
2. Hook up the dc load to the circuit, turn it on, and
verify its operation. Also, check for jitter at no
load and full load.
DC Load Line Setting
3. Measure the output voltage at no load (VNL).
Verify that it is within tolerance.
4. Measure the output voltage at full load cold
(VFLCOLD). Let the board sit for ~10 minutes at
full load, and then measure the output (VFLHOT).
If there is a change of more than a few mV, adjust
RCS1 and RCS2 using Equation 36 and
Equation 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com