Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3430 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 13Page - ON Semiconductor ADP3430 Datasheet HTML 14Page - ON Semiconductor ADP3430 Datasheet HTML 15Page - ON Semiconductor ADP3430 Datasheet HTML 16Page - ON Semiconductor ADP3430 Datasheet HTML 17Page - ON Semiconductor ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ADP3430
http://onsemi.com
17
Designing an Inductor
Once the inductance and DCR are known, the next step is
to either design an inductor or to find a standard inductor that
comes as close as possible to meeting the overall design
goals. It is also important to have the inductance and DCR
tolerance specified to control the accuracy of the system.
Reasonable tolerances most manufacturers can meet are
15% inductance and 7% DCR at room temperature. The first
decision in designing the inductor is choosing the
core material. Several possibilities for providing low core
loss at high frequencies include the powder cores (from
Micrometals, Inc., for example, or Kool Mu
® from
Magnetics
®) and the gapped soft ferrite cores (for example,
3F3 or 3F4 from Philips
®). Low frequency powdered iron
cores should be avoided due to their high core loss,
especially when the inductor value is relatively low and the
ripple current is high.
The best choice for a core geometry is a closed−loop type
such as a potentiometer core (PQ, U, or E core) or toroid. A
good compromise between price and performance is a core
with a toroidal shape.
Many useful magnetics design references are available for
quickly designing a power inductor, such as:
• Intusoft Magnetic Designer Software
• Designing Magnetic Components for High Frequency
DC to DC Converters, by William T. McLyman,
Kg Magnetics, Inc., ISBN 1883107008
Selecting a Standard Inductor
The following power inductor manufacturers can provide
design consultation and deliver power inductors optimized
for high power applications upon request.
• Coilcraft®
• Coiltronics®
• Sumida Corporation®
Current Sense Amplifier
The output current is measured by summing the voltage
across each inductor and passing the signal through a
low−pass filter. This summer filter is the CS amplifier
configured with resistors RPH(X) (summers), and RCS and
CCS (filter). The impedance gain of the regulator is set by the
following equations, where RL is the DCR of the output
inductors:
(eq. 6)
CCS +
L
RL RCS
The user has the flexibility to choose either RCS or RPH(X).
However, it is best to select RCS equal to 110 kW.
In this example, RPH(X) is selected as 61.9 kW, DCR = 0.57
m
W, use Equation 6 to solve for CCS.
(eq. 7)
CCS +
450 nH
0.57 mW
110 kW +
7.2 nF
It is best to have a dual location for CCS in the layout so
that standard values can be used in parallel to get as close to
the desired value. For best accuracy, CCS should be a 5% or
10% NPO capacitor. This example uses a 5% combination
for CCS of one 3.3 nF capacitor and one 3.9 nF capacitor in
parallel.
Inductor DCR Temperature Correction
When the inductor DCR is used as the sense element and
copper wire is used as the source of the DCR, the user needs
to compensate for temperature changes of the inductor’s
winding. Fortunately, copper has a well known temperature
coefficient (TC) of 0.39%/
°C.
If RCS is designed to have an opposite and equal
percentage change in resistance to that of the wire, it cancels
the temperature variation of the inductor DCR. Due to the
non−linear nature of NTC thermistors, Resistor RCS1 and
Resistor RCS2 are needed. See Figure 8 to linearize the NTC
and produce the desired temperature tracking.
Figure 8. Temperature Compensation Circuit Values
CSREF
CSSUM
CSCOMP
16
15
17
CCS1
CCS2
RCS1 RCS2
RPH1
RTH
RPH2 RPH3
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW−SIDE MOSFET
KEEP THIS PATH
AS SHORT AS
POSSIBLE AND
WELL AWAY FROM
SWITCH NODE LINES
ADP3430
PH4
R
The following procedure and equations yield values to use
for RCS1, RCS2, and RTH (the thermistor value at 25°C) for
a given RCS value.
1. Select an NTC based on type and value. Because
the value is unknown, use a thermistor with a
value close to RCS. The NTC should also have an
initial tolerance of better than 5%.
2. Based on the type of NTC, find its relative
resistance value at two temperatures. The
temperatures that work well are 50
°C and 90°C.
These resistance values are called
A (RTH(50°C))/RTH(25°C)) and
B (RTH(90°C))/RTH(25°C)). The relative value of the
NTC is always 1 at 25
°C.
3. Find the relative value of RCS required for each of
these temperatures. This is based on the percentage
change needed, which in this example is initially
0.39%/
°C. These temperatures are called
r1 (1/(1 + TC × (T1 − 25°C)))
and
r2 (1/(1 + TC × (T2 − 25°C))), where TC = 0.0039
for copper, T1 = 50°C, and T2 = 90°C. From this,
r1 = 0.9112 and r2 = 0.7978.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com