Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5219 Datasheet HTML 1Page - Microsemi Corporation LX5219 Datasheet HTML 2Page - Microsemi Corporation LX5219 Datasheet HTML 3Page - Microsemi Corporation LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1998
Rev. 1.8
3/98
P RODUCTION
D ATA
S HEET
UltraMAX
2.65
2.85
V
69
mA
215
225
mA
375
µA
-21
-23
-24
mA
10
nA
-90
µA
10
nA
3pF
35
MHz
60
mA
Termination Voltage
V
TERM
High Level Disable Input Voltage
V
IH
Low Level Disable Input Voltage
V
IL
Operating Virtual Junction Temperature Range
LX5219C
RECOMMENDED OPERA TING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
3.5
5.5
V
2V
TERM
V
0
0.8
V
0
125
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
Term Power = 4.75V unless otherwise specified. Unless otherwise specified, these specifications apply at the recommended operating ambient tempera-
ture of T
A = 25°C.
Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
Parameter
Symbol
Test Conditions
Units
LX5219
Min.
Typ.
Max.
Output High Voltage
V
OUT
TermPwr Supply Current
I
CC
All data lines = open
All data lines = 0.5V
Disable Pin < 0.8V
Output Current
I
OUT
V
OUT = 0.5V
Disable Input Current
Disable Pin = 4.75V
Disable Pin = 0V
Output Leakage Current
Disable Pin = < 0.8V, V
O = 0.5V
Capacitance in Disabled Mode
C
OUT
V
OUT = 0V, frequency = 1MHz
Channel Bandwidth
BW
Termination Sink Current, per Channel
I
SINK
V
OUT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com