Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation LX5219 Datasheet HTML 10Page - Microsemi Corporation LX5219 Datasheet HTML 11Page - Microsemi Corporation LX5219 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.8
3/98
10
P RODUCTION D ATA
S HEET
UltraMAX
CHARACTERISTIC CUR VES
FIGURE 9. —
TERMPWR SUPPLY CURRENT
vs. TERMINATION VOLTAGE
FIGURE 10. —
LX5219 TERMPWR SUPPLY CURRENT
vs. TERMINATION VOLTAGE (Disabled)
FIGURE 11. —
OUTPUT HIGH VOLTAGE vs. JUNCTION TEMP.
FIGURE 12. —
OUTPUT CURRENT vs. JUNCTION TEMP.
2.5
3.5
2
(V
TERM)
Termination Voltage - (V)
4
3
4.5
45
5.5
5
1
0
6
7
3
6
0
2
(V
TERM)
Termination Voltage - (V)
1
4
35
50
0
6
500
100
150
200
250
300
350
400
450
0
3
(T
J)
Junction Temperature - (°C)
3.5
50
25
75
100
4
2.5
2
4.5
125
V
T = 3.3V
0
15
(T
J)
Junction Temperature - (°C)
20
50
25
75
100
25
10
5
30
125
V
T = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com