Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5219 Datasheet HTML 1Page - Microsemi Corporation LX5219 Datasheet HTML 2Page - Microsemi Corporation LX5219 Datasheet HTML 3Page - Microsemi Corporation LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.8
3/98
4
P RODUCTION D ATA
S HEET
UltraMAX
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
THERMAL
LIMITING
CIRCUIT
TERM POWER
CURRENT
BIASING
CIRCUIT
1.4V
DISABLE
PIN
24mA CURRENT
LIMITING CIRCUIT
DATA OUTPUT
PIN DB(0)
2.85V
1 OF 9 CHANNELS
Cable transmission theory suggests to optimize signal speed
and quality, the termination should act both as an ideal voltage
reference when the line is released (deasserted) and as an
ideal current source when the line is active (asserted).
Common active terminators, which consist of Linear Regulators
in series with resistors (typically
110
Ω), are a compromise. As the
line voltage increases, the amount
of current decreases linearly by the
equation V = I * R. The LX5219,
with its unique new architecture
applies the maximum amount of
current regardless of line voltage
until the termination high thresh-
old (2.85V) is reached.
Acting as a near ideal line terminator, the LX5219 closely
reproduces the optimum case when the device is enabled.
To enable the device the Disable Pin must be pulled logic
High or left Open. During this mode of operation, quiescent
current is 6mA and the device will respond to line demands
by delivering 24mA on assertion and by imposing 2.85V on
deassertion. In order to disable the device, the Disable pin
must be driven logic Low.
This mode of operation places
the device in a sleep state where a meager 275µA of quiescent
current is consumed. Additionally, all outputs are in a Hi-Z
(impedance) state. Sleep mode can
be used for power conservation or
to completely eliminate the termi-
nator from the SCSI chain. In the
second case, termination node ca-
pacitance is important to consider.
The terminator will appear as a
parasitic distributed capacitance on
the line, which can detract from bus
performance. For this reason, the
LX5219 has been optimized to have only 3pF of capacitance
per output in the sleep state.
An additional feature of the LX5219 is its compatibility with
active negation drivers.
The device handles up to 60mA of
sink current for drivers which exceed the 2.85V output high.
Disable
Outputs
Quiescent
(LX5219)
Current
H
Enabled
6mA
L
HI Z
275µA
Open
Enabled
6mA
POWER UP / POWER DOWN FUNCTION TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com