Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5219 Datasheet HTML 1Page - Microsemi Corporation LX5219 Datasheet HTML 2Page - Microsemi Corporation LX5219 Datasheet HTML 3Page - Microsemi Corporation LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1998
Rev. 1.8
3/98
P RODUCTION
D ATA
S HEET
UltraMAX
GRAPH / CURVE INDEX
Waveforms
FIGURE #
1A.
RECEIVING WAVEFORM (Freq. = 1.0MHz)
1B.
DRIVING WAVEFORM
2A.
RECEIVING WAVEFORM (Freq. = 5.0MHz)
2B.
DRIVING WAVEFORM
3.
10MHz WAVEFORM
4.
20MHz WAVEFORM
Characteristic Curves
FIGURE #
5.
OUTPUT HIGH VOLTAGE vs. JUNCTION TEMPERATURE
6.
OUTPUT CURRENT vs. JUNCTION TEMPERATURE
7.
OUTPUT CURRENT vs. OUTPUT HIGH VOLTAGE (V
T = 4.75V)
8.
OUTPUT CURRENT vs. OUTPUT HIGH VOLTAGE (V
T = 3.3V)
9.
TERMINATION VOLTAGE vs. SUPPLY CURRENT
10.
TERMPWR SUPPLY CURRENT vs. TERMINATION VOLTAGE (Disabled)
— LX5219
11.
OUTPUT HIGH VOLTAGE vs. JUNCTION TEMPERATURE (V
T = 3.3V)
12.
OUTPUT CURRENT vs. JUCTION TEMPERATURE (V
T = 3.3V)
13.
OUTPUT HIGH VOLTAGE vs. TERMINATION VOLTAGE
14.
OUTPUT CURRENT vs. TERMINATION VOLTAGE
15.
OUTPUT CURRENT MATCHING CHANNEL TO CHANNEL
FIGURE INDEX
Application Circuits
FIGURE #
16.
8-BIT SCSI SYSTEM APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com