Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5219 Datasheet HTML 1Page - Microsemi Corporation LX5219 Datasheet HTML 2Page - Microsemi Corporation LX5219 Datasheet HTML 3Page - Microsemi Corporation LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
P RODUCTION
D ATA
S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX5219
LIN D OC #: 5219
DESCRIPTION
KEY FEA TURES
s ULTRA-FAST RESPONSE FOR FAST-20
SCSI APPLICATIONS
s HOT SWAP COMPATIBLE
s 35MHz CHANNEL BANDWIDTH
s 3.5V OPERATION
s LESS THAN 3pF OUTPUT CAPACITANCE
s SLEEP-MODE CURRENT LESS THAN
275µA
s THERMALLY SELF LIMITING
s NO EXTERNAL COMPENSATION
CAPACITORS
s IMPLEMENTS 8-BIT OR 16-BIT (WIDE)
APPLICATIONS
s COMPATIBLE WITH ACTIVE NEGATION
DRIVERS (60mA / CHANNEL)
s COMPATIBLE WITH PASSIVE AND
ACTIVE TERMINATIONS
s APPROVED FOR USE WITH SCSI 1, 2, 3
AND ULTRASCSI
s CONSULT FACTORY FOR APPLICATION
TEST REPORT
s EVALUATION BOARD AVAILABLE
0 to 70
LX5219CDW
LX5219CPW
P ACKAGE ORDER INFORMA TION
T
J (°C)
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX5219CDWT)
Plastic SOWB
16-pin
DW
PW Plastic TSSOP
20-pin
Receiver
LX5219
LX5219
LX5268
LX5268
1 Meter, AWG 28
Driver
D RIVING WAVEFORM - 20MHZ
RECEIVING W AVEFORM - 20MHZ
PRODUCT HIGHLIGHT
The LX5219 SCSI terminator is part of Linfinity's
UltraMAX family of high-performance, adaptive, non-
linear mode SCSI products, which are designed to
deliver true UltraSCSI performance in SCSI applica-
tions.
The low voltage BiCMOS architecture em-
ployed in its design offers superior performance to
older linear passive and active techniques. Linfinity's
UltraMAX architecture employs high-speed adaptive
elements for each channel, thereby providing the
fastest response possible — typically 35MHz, which
is 100 times faster than the older linear regulator/
terminator approach used by other manufacturers.
Products using this older linear regulator approach
have bandwidths which are dominated by the output
capacitor and which are limited to 500KHz (see
further discussion in the Functional Description
section). The UltraMAX architecture also eliminates
the output compensation capacitor typical in earlier
terminator designs. It is approved for use with SCSI-
1, -2, -3, UltraSCSI and beyond — providing the
highest performance alternative available today.
Another key improvement offered by the LX5219
lies in its ability to insure reliable, error free com-
munications even in systems which do not adhere
to recommended SCSI hardware design guidelines,
such as the use of improper cable lengths and
impedances. Frequently, this situation is not con-
trolled by the peripheral or host designer and, when
problems occur, they are the first to be made aware
of the problem. The LX5219 architecture is much
more tolerant of marginal system integrations.
Recognizing the needs of portable and
configurable peripherals, the LX5219 has an active
low TTL compatible sleep/disable mode. Quiescent
current is typically less than (275µA) in this mode,
while the output capacitance is also less than 3pF.
The obvious advantage of extended battery life for
portable systems is inherent in the product's sleep-
mode feature.
Additionally, the disable function
permits
factory-floor
or
production-line
configurability, reducing inventory and product-line
diversity costs.
Field configurability can also be
accomplished without physically removing compo-
nents which, often times results in field returns due
to mishandling.
Reduced component counts is also inherent in
the LX5219 architecture.
Traditional termination
techniques require large stabilization and transient
protection capacitors of up to 20µF in value and
size. The LX5219 architecture does not require these
components, allowing all the cost savings associated
with inventory, board space, assembly, reliability,
and component costs.
NOTE:
For An In-Depth
Discussion On Applying
SCSI, Request Linfinity
Application Note:
"Understanding The
Single-Ended SCSI Bus"
UltraMAX
TM
Copyright © 1998
Rev. 1.8
3/98
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.


Similar Part No. - LX5219

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX521 POLYFET-LX521 Datasheet
45Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
Microsemi Corporation
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CDP MICROSEMI-LX5211CDP Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CPWP MICROSEMI-LX5211CPWP Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
More results

Similar Description - LX5219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5111 MICROSEMI-LX5111 Datasheet
146Kb / 4P
ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111A MICROSEMI-LX5111A Datasheet
147Kb / 4P
ULT RA 9 - CHANNEL SCSI TERMINATOR
LX5115 MICROSEMI-LX5115 Datasheet
145Kb / 4P
ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5115A MICROSEMI-LX5115A Datasheet
150Kb / 4P
ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
9-Line Multimode SCSI Terminator
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
9-LINE SCSI ACTIVE TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com