Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MM/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV797MM/NOPB Datasheet HTML 1Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 2Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 3Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 4Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 5Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 6Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 7Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 8Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMV796, LMV797
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
www.ti.com
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
−40°C ≤ TA ≤ 85°C
0.1
1
25
IB
Input Bias Current
VCM = 2.0V
(4) (5)
pA
−40°C ≤ TA ≤ 125°C
0.1
1
100
IOS
Input Offset Current
VCM = 2.0V
(5)
10
fA
0V
≤ VCM ≤ 3.7V
80
100
CMRR
Common Mode Rejection Ratio
dB
75
2.0V
≤ V+ ≤ 5.5V, VCM = 0V
80
100
75
PSRR
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V, VCM = 0V
80
98
CMRR
≥ 60 dB
−0.3
4
CMVR
Common Mode Voltage Range
V
CMRR
≥ 55 dB
-0.3
4
LMV796/LMV796Q
85
97
80
VOUT = 0.3V to 4.7V,
RLOAD = 2 kΩ to V
+/2
LMV797
82
89
AVOL
Open Loop Voltage Gain
dB
78
VOUT = 0.3V to 4.7V,
88
110
RLOAD = 10 kΩ to V
+/2
84
RLOAD = 2 kΩ to V
+/2
35
75
82
Output Voltage Swing High
RLOAD = 10 kΩ to V
+/2
25
65
71
LMV796/LM796Q
42
75
mV from
VOUT
78
either rail
RLOAD = 2 kΩ to V
+/2
LMV797
45
80
Output Voltage Swing Low
83
RLOAD = 10 kΩ to V
+/2
20
65
67
Sourcing to V−
45
60
VIN = 200 mV
(6)
37
IOUT
Output Current
mA
Sinking to V+
10
21
VIN = –200 mV
(6)
6
1.15
1.40
LMV796/LMV796Q
1.75
IS
Supply Current per Amplifier
mA
1.30
1.70
LMV797per channel
2.05
AV = +1, Rising (10% to 90%)
6.0
9.5
SR
Slew Rate
V/
μs
AV = +1, Falling (90% to 10%)
7.5
11.5
GBW
Gain Bandwidth
17
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
5.8
nV/
√Hz
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RLOAD = 600Ω
0.01
%
(4)
Positive current corresponds to current flowing into the device.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
The short circuit test is a momentary test, the short circuit duration is 1.5ms.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV796 LMV797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com