Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MM/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MM/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV797MM/NOPB Datasheet HTML 15Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 16Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 17Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 18Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 19Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 20Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 21Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 22Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
10k
100k
1M
10M
FREQUENCY (Hz)
50
55
60
65
70
75
80
85
90
95
100
CIN = 50 pF, CF = 4.5 pF
CIN = 100 pF, CF = 6 pF
CIN = 200 pF, CF = 9 pF
10k
100k
1M
10M
FREQUENCY (Hz)
50
60
70
80
90
100
110
120
130
CIN = 50 pF, CF = 1.5 pF
CIN = 100 pF, CF = 2 pF
CIN = 200 pF, CF = 3 pF
LMV796, LMV797
www.ti.com
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
Figure 55. Frequency Response for ATI = 470000
Figure 56. Frequency Response for ATI = 47000
HIGH GAIN WIDEBAND TRANSIMPEDANCE AMPLIFIER USING THE LMV797
The LMV797 dual, low noise, wide bandwidth, CMOS input op amp IC can be used for compact, robust and
integrated solutions for sensing and amplifying wide-band signals obtained from sensitive photodiodes. One of
the two op amps available can be used to obtain transimpedance gain while the other can be used for amplifying
the output voltage to further enhance the transimpedance gain. The wide bandwidth of the op amps (17 MHz)
ensures that they are capable of providing high gain for a wide range of frequencies. The low input referred noise
(5.8 nV/
√Hz) allows the amplifier to deliver an output with a high SNR (signal to noise ratio). The small 8-pin
VSSOP footprint saves space on printed circuit boards and allows ease of design in portable products.
The circuit shown in Figure 57, has the first op amp acting as a transimpedance amplifier with a gain of 47000,
while the second stage provides a voltage gain of 10. This provides a total transimpedance gain of 470000 with a
−3 dB bandwidth of about 1.5 MHz, for a total input capacitance of 50 pF. The frequency response for the circuit
is shown in Figure 58
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV796 LMV797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com