Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MM/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV797MM/NOPB Datasheet HTML 1Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 2Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 3Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 4Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 5Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 6Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 7Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 8Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMV796, LMV797
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Human Body Model
2000V
ESD Tolerance(3)
Machine Model
200V
Charge-Device Model
1000V
VIN Differential
±0.3V
Supply Voltage (V+ – V−)
6.0V
Input/Output Pin Voltage
V+ +0.3V, V−
−0.3V
Storage Temperature Range
−65°C to 150°C
Junction Temperature(4)
+150°C
Infrared or Convection (20 sec)
235°C
Soldering Information
Wave Soldering Lead Temperature (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model is 1.5k
Ω in series with 100pF. Machine Model is 0Ω in series with 200pF.
(4)
The maximum power dissipation is a function of TJMAX, θJA. The maximum allowable power dissipation at any ambient temperature is PD
= (TJMAX - TA) / θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Temperature Range(2)
−40°C to 125°C
−40°C ≤ TA ≤ 125°C
2.0V to 5.5V
Supply Voltage (V+ – V−)
0°C
≤ TA ≤ 125°C
1.8V to 5.5V
5-Pin SOT-23
180°C/W
Package Thermal Resistance (
θJA)
(2)
8-Pin VSSOP
236°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics tables.
(2)
The maximum power dissipation is a function of TJMAX, θJA. The maximum allowable power dissipation at any ambient temperature is PD
= (TJMAX - TA) / θJA. All numbers apply for packages soldered directly onto a PC Board.
2.5V Electrical Characteristics
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply
at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
0.1
±1.35
VOS
Input Offset Voltage
mV
±1.65
LMV796/LMV796Q(3)
−1.0
TC VOS Input Offset Voltage Temperature Drift
μV/°C
LMV797(3)
−1.8
0.05
1
−40°C ≤ TA ≤ 85°C
25
IB
Input Bias Current
VCM = 1.0V
(4) (5)
pA
0.05
1
−40°C ≤ TA ≤ 125°C
100
IOS
Input Offset Current
VCM = 1.0V
(5)
10
fA
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
statistical quality control (SQC) method.
(2)
Typical values represent the parametric norm at the time of characterization.
(3)
Offset voltage average drift is determined by dividing the change in VOS by temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV796 LMV797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com