Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MM/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV797MM/NOPB Datasheet HTML 1Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 2Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 3Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 4Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 5Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 6Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 7Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 8Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
10
100
10k
100k
FREQUENCY (Hz)
1
10
100
1k
V
+
= 5.5V
V
+ = 2.5V
CCM
IIN
RF
VOUT
+
-
+
-
VB
CF
CD
VOUT
IIN
- RF
=
CIN = CD + CCM
LMV796, LMV797
www.ti.com
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
Check for Samples: LMV796, LMV797
1
FEATURES
DESCRIPTION
The LMV796/LMV796Q (Single) and the LMV797
2
(Typical 5V Supply, Unless Otherwise Noted)
(Dual) low noise, CMOS input operational amplifiers
•
Input Referred Voltage Noise 5.8 nV/
√Hz
offer a low input voltage noise density of 5.8 nV/
√Hz
•
Input Bias Current 100 fA
while consuming only 1.15 mA (LMV796/LMV796Q)
of quiescent current. The LMV796/LMV796Q and
•
Unity Gain Bandwidth 17 MHz
LMV797 are unity gain stable op amps and have gain
•
Supply Current per Channel
bandwidth
of
17
MHz.
The
LMV796/LMV796Q/
–
LMV796/LMV796Q 1.15 mA
LMV797 have a supply voltage range of 1.8V to 5.5V
and
can
operate
from
a
single
supply.
The
–
LMV797 1.30 mA
LMV796/LMV796Q/LMV797 each feature a rail-to-rail
•
Rail-to-Rail Output Swing
output stage capable of driving a 600
Ω load and
–
@ 10 k
Ω Load 25 mV from Rail
sourcing as much as 60 mA of current.
–
@ 2 k
Ω Load 45 mV from Rail
The
LMV796/LMV796Q
family
provides
optimal
•
Guaranteed 2.5V and 5.0V Performance
performance in low voltage and low noise systems. A
CMOS input stage, with typical input bias currents in
•
Total Harmonic Distortion 0.01% @ 1kHz, 600
Ω
the range of a few femtoAmperes, and an input
•
Temperature Range
−40°C to 125°C
common mode voltage range, which includes ground,
•
LMV796Q is an Automotive Grade Product that
make the LMV796/LMV796Q and the LMV797 ideal
is AEC-Q100 Grade 1 Qualified and is
for low power sensor applications.
Manufactured on an Automotive Grade Flow.
The LMV796/LMV796Q/LMV797 are manufactured
using TI’s advanced VIP50 process. The LMV796/
APPLICATIONS
LMV796Q are offered in 5–pin SOT-23 package. The
LMV797 is offered in 8–pin VSSOP package.
•
Photodiode Amplifiers
•
Active Filters and Buffers
•
Low Noise Signal Processing
•
Medical Instrumentation
•
Sensor Interface Applications
•
Automotive
Typical Application
Figure 1. Photodiode Transimpedance Amplifier
Figure 2. Input Referred Voltage Noise vs.
Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV797MM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV797MM/NOPB TI2-LMV797MM/NOPB Datasheet
801Kb / 32P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
REVISED MARCH 2013
LMV797MM/NOPB.A TI2-LMV797MM/NOPB.A Datasheet
801Kb / 32P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
REVISED MARCH 2013
More results

Similar Description - LMV797MM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com