Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MM/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV797MM/NOPB Datasheet HTML 10Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 11Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 12Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 13Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 14Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 15Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 16Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 17Page - Texas Instruments LMV797MM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
LMV796, LMV797
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
www.ti.com
INPUT CAPACITANCE AND FEEDBACK CIRCUIT ELEMENTS
The LMV796 family has a very low input bias current (100 fA) and a low 1/f noise corner frequency (400 Hz),
which makes it ideal for sensor applications. However, to obtain this performance a large CMOS input stage is
used, which adds to the input capacitance of the op amp, CIN. Though this does not affect the DC and low
frequency performance, at higher frequencies the input capacitance interacts with the input and the feedback
impedances to create a pole, which results in lower phase margin and gain peaking. This can be controlled by
being selective in the use of feedback resistors, as well as, by using a feedback capacitance, CF. For example, in
the inverting amplifier shown in Figure 46, if CIN and CF are ignored and the open loop gain of the op amp is
considered infinite then the gain of the circuit is
−R2/R1. An op amp, however, usually has a dominant pole, which
causes its gain to drop with frequency. Hence, this gain is only valid for DC and low frequency. To understand
the effect of the input capacitance coupled with the non-ideal gain of the op amp, the circuit needs to be
analyzed in the frequency domain using a Laplace transform.
Figure 46. Inverting Amplifier
For simplicity, the op amp is modeled as an ideal integrator with a unity gain frequency of A0 . Hence, its transfer
function (or gain) in the frequency domain is A0/s. Solving the circuit equations in the frequency domain, ignoring
CF for the moment, results in an expression for the gain shown in Equation 1.
(1)
It can be inferred from the denominator of the transfer function that it has two poles, whose expressions can be
obtained by solving for the roots of the denominator and are shown in Equation 2.
(2)
Equation 2 shows that as the values of R1 and R2 are increased, the magnitude of the poles, and hence the
bandwidth of the amplifier, is reduced. This theory is verified by using different values of R1 and R2 in the circuit
shown in Figure 45 and by comparing their frequency responses. In Figure 47 the frequency responses for three
different values of R1 and R2 are shown. When both R1 and R2 are 1 kΩ, the response is flattest and widest;
whereas, it narrows and peaks significantly when both their values are changed to 10 k
Ω or 30 kΩ. So it is
advisable to use lower values of R1 and R2 to obtain a wider and flatter response. Lower resistances also help in
high sensitivity circuits since they add less noise.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV796 LMV797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com