Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO7331CDWR Datasheet HTML 1Page - Texas Instruments ISO7331CDWR Datasheet HTML 2Page - Texas Instruments ISO7331CDWR Datasheet HTML 3Page - Texas Instruments ISO7331CDWR Datasheet HTML 4Page - Texas Instruments ISO7331CDWR Datasheet HTML 5Page - Texas Instruments ISO7331CDWR Datasheet HTML 6Page - Texas Instruments ISO7331CDWR Datasheet HTML 7Page - Texas Instruments ISO7331CDWR Datasheet HTML 8Page - Texas Instruments ISO7331CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage(2)
VCC1 , VCC2
–0.5
6
V
Voltage (2)
INx, OUTx, ENx
–0.5
VCC+0.5
(3)
V
Output current, IO
±15
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
VESD
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration
40
ns
1 / tui
Signaling rate
0
25
Mbps
TJ
(1)
Junction temperature
136
°C
TA
Ambient temperature
-40
25
125
°C
(1)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
6.4 Thermal Information
DW PACKAGE
THERMAL METRIC(1)
UNIT
(16) PINS
RθJA
Junction-to-ambient thermal resistance
78.3
RθJCtop
Junction-to-case (top) thermal resistance
40.9
RθJB
Junction-to-board thermal resistance
42.9
°C/W
ψJT
Junction-to-top characterization parameter
15.3
ψJB
Junction-to-board characterization parameter
42.4
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
PD (ISO7330)
Maximum Power Dissipation by ISO7330
70
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =
PD1 (ISO7330)
Maximum Power Dissipation by Side-1 of ISO7330
15pF, Input a 12.5 MHz 50% duty cycle
20
mW
square wave
PD2 (ISO7330)
Maximum Power Dissipation by Side-2 of ISO7330
50
PD (ISO7331)
Maximum Power Dissipation by ISO7331
84
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =
PD1 (ISO7331)
Maximum Power Dissipation by Side-1 of ISO7331
15pF, Input a 12.5 MHz 50% duty cycle
35
mW
square wave
PD2 (ISO7331)
Maximum Power Dissipation by Side-2 of ISO7331
49
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com