Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO7331CDWR Datasheet HTML 1Page - Texas Instruments ISO7331CDWR Datasheet HTML 2Page - Texas Instruments ISO7331CDWR Datasheet HTML 3Page - Texas Instruments ISO7331CDWR Datasheet HTML 4Page - Texas Instruments ISO7331CDWR Datasheet HTML 5Page - Texas Instruments ISO7331CDWR Datasheet HTML 6Page - Texas Instruments ISO7331CDWR Datasheet HTML 7Page - Texas Instruments ISO7331CDWR Datasheet HTML 8Page - Texas Instruments ISO7331CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 13
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 16
3
Description ............................................................. 1
9
Applications and Implementation ...................... 17
4
Revision History..................................................... 2
9.1
Application Information............................................ 17
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 17
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 19
6.1
Absolute Maximum Ratings ..................................... 4
11
Layout................................................................... 20
6.2
ESD Ratings.............................................................. 4
11.1
PCB Material ......................................................... 20
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Guidelines ................................................. 20
6.4
Thermal Information .................................................. 4
11.3
Layout Example .................................................... 20
6.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 21
6.6
Electrical Characteristics........................................... 6
12.1
Related Links ........................................................ 21
6.7
Switching Characteristics .......................................... 7
12.2
Trademarks ........................................................... 21
6.8
Switching Characteristics .......................................... 7
12.3
Electrostatic Discharge Caution ............................ 21
6.9
Typical Characteristics .............................................. 8
12.4
Glossary ................................................................ 21
7
Parameter Measurement Information ................ 10
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 12
Information ........................................................... 21
8.1
Overview ................................................................. 12
4 Revision History
Changes from Revision A (April 2015) to Revision B
Page
•
Changed "(VDE V 0884-10):2006-12" To "and DIN EN 61010-1" in the 4242 VPK in the Features ..................................... 1
•
Changed From: VCCI To: VCC in Figure 12 ........................................................................................................................... 10
•
Deleted IEC from the section title: Package Insulation Specifications ................................................................................ 13
•
Changed the CTI Test Conditions in Package Insulation Specifications ............................................................................ 13
•
Changed VISO Test Condition in the Insulation Characteristics table .................................................................................. 14
•
Deleted the VISO Specification 3600 in the Insulation Characteristics table ........................................................................ 14
Changes from Original (January 2015) to Revision A
Page
•
Changed the device From: Product Preview To: Production data ........................................................................................ 1
•
Changed Features From: ISO7330: TBD mA To: 1 mA......................................................................................................... 1
•
Changed Features From: ISO731: TBD mA (3.3 V Supplies) To: 0.8 mA............................................................................. 1
•
Changed Features From: ISO731: TBD mA (5 V Supplies) To: 1.4 mA................................................................................ 1
•
Changed Features From: 65 KV/
μs Transient Immunity To: 70 KV/μs Transient Immunity .................................................. 1
•
Changed the Safety and Regulatory Approvals Features ...................................................................................................... 1
•
Changed the Simplified Schematic and added Notes 1 and 2............................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com