Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO7331CDWR Datasheet HTML 1Page - Texas Instruments ISO7331CDWR Datasheet HTML 2Page - Texas Instruments ISO7331CDWR Datasheet HTML 3Page - Texas Instruments ISO7331CDWR Datasheet HTML 4Page - Texas Instruments ISO7331CDWR Datasheet HTML 5Page - Texas Instruments ISO7331CDWR Datasheet HTML 6Page - Texas Instruments ISO7331CDWR Datasheet HTML 7Page - Texas Instruments ISO7331CDWR Datasheet HTML 8Page - Texas Instruments ISO7331CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
NC
EN2
EN1
GND1
GND1
V
CC1
NC
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
NC
NC
V
CC1
GND1
V
CC2
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
www.ti.com
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
5 Pin Configuration and Functions
ISO7330
ISO7331
DW (SOIC) Package
DW (SOIC) Package
(Top View)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7330
ISO7331
VCC1
1
1
–
Power supply, VCC1
VCC2
16
16
–
Power supply, VCC2
GND1
2, 8
2, 8
–
Ground connection for VCC1
GND2
9, 15
9, 15
–
Ground connection for VCC2
INA
3
3
I
Input, channel A
INB
4
4
I
Input, channel B
INC
5
12
I
Input, channel C
NC
6, 7, 11
6, 11
–
No Connect. These pins have no internal connection.
OUTA
14
14
O
Output, channel A
OUTB
13
13
O
Output, channel B
OUTC
12
5
O
Output, channel C
Output enable. OUTA, OUTB, and OUTC are enabled when EN is high or
EN
10
–
I
disconnected and disabled when EN is low.
Output enable 1. OUTC is enabled when EN1 is high or disconnected and
EN1
–
7
I
disabled when EN1 is low.
Output enable 2. OUTA and OUTB are enabled when EN2 is high or
EN2
–
10
I
disconnected and disabled when EN2 is low.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com